Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UMR105B7473MV-F Fiches technique(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce UMR105B7473MV-F
Description  MLCC for Automotive (POWERTRAIN, SAFETY) Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMR105B7473MV-F Fiches technique(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  UMR105B7473MV-F Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc UMR105B7473MV-F Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc UMR105B7473MV-F Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
MLCC for Automotive (POWERTRAIN, SAFETY) Applications
UMR105B7473MV-F
Features
Item Summary
0.047uF±20%, 50V,
X7R, 0402/1005 (EIA/JIS)
Lifecycle Stage
Mass Production (Preferred)
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping Paper 10000pcs
Products characteristics table
Capacitance
0.047 uF ± 20 %
Case Size (EIA/JIS)
0402/1005
Rated Voltage
50 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
High Temperature Loading
150 %
(% Rated Voltage)
Insulation Resistance (min)
100 MΩ·μF
RoHS Compliance (10 subst.)
Yes
REACH Compliance (205 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.0 ±0.05 mm
Dimension W
0.5 ±0.05 mm
Dimension T
0.5 ±0.05 mm
Dimension e
0.25 ±0.10 mm
2020.06.17
1 / 1


Numéro de pièce similaire - UMR105B7473MV-F

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
UMR105B7473MV-F TAIYO-YUDEN-UMR105B7473MV-F Datasheet
431Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.08.08
More results

Description similaire - UMR105B7473MV-F

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7225MGHT TAIYO-YUDEN-TMF212B7225MGHT Datasheet
419Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
EMF325B7106KMHP TAIYO-YUDEN-EMF325B7106KMHP Datasheet
419Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
LMF325B7106KMHP TAIYO-YUDEN-LMF325B7106KMHP Datasheet
419Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
EMR063B7471KP-F TAIYO-YUDEN-EMR063B7471KP-F Datasheet
417Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
EMR063B7101KP-F TAIYO-YUDEN-EMR063B7101KP-F Datasheet
418Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
JMR105AD7474KV-F TAIYO-YUDEN-JMR105AD7474KV-F Datasheet
418Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
LMR063B7151MP-F TAIYO-YUDEN-LMR063B7151MP-F Datasheet
419Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
LMR063B7682KP-F TAIYO-YUDEN-LMR063B7682KP-F Datasheet
418Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
JMF212AB7106KGHT TAIYO-YUDEN-JMF212AB7106KGHT Datasheet
419Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
JMF212AB7106MGHT TAIYO-YUDEN-JMF212AB7106MGHT Datasheet
419Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
TMR063B7152KP-F TAIYO-YUDEN-TMR063B7152KP-F Datasheet
418Kb / 3P
   MLCC for Automotive (POWERTRAIN, SAFETY) Applications
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com