Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HFA-0005 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce HFA-0005
Description  High Slew Rate Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA-0005 Fiches technique(HTML) 3 Page - Intersil Corporation

  HFA-0005 Datasheet HTML 1Page - Intersil Corporation HFA-0005 Datasheet HTML 2Page - Intersil Corporation HFA-0005 Datasheet HTML 3Page - Intersil Corporation HFA-0005 Datasheet HTML 4Page - Intersil Corporation HFA-0005 Datasheet HTML 5Page - Intersil Corporation HFA-0005 Datasheet HTML 6Page - Intersil Corporation HFA-0005 Datasheet HTML 7Page - Intersil Corporation HFA-0005 Datasheet HTML 8Page - Intersil Corporation HFA-0005 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Specifications HFA-0005
TRANSIENT RESPONSE
Rise Time (Note 4, 6)
+25oC-
480
-
-
480
-
ps
Slew Rate (Note 7)
+25
oC-
420
-
-
420
-
V/
µs
Settling Time (3V Step) 0.1%
+25oC
-
20
-
-
20
-
ns
Overshoot (Note 4, 6)
+25oC
-
30
-
-
30
-
%
POWER SUPPLY CHARACTERISTICS
Supply Current
+25oC
-
35
40
-
35
40
mA
Full
-
37
40
-
37
45
mA
Power Supply Rejection Ratio (Note 8)
+25
oC
40
42
-
37
40
-
dB
NOTES:
1. Absolute maximum ratings are limiting values, applied individually, beyond which the serviceability of the circuit may be impaired. Func-
tional operation under any of these conditions is not necessarily implied.
2. VOUT = 0 to ±2V, RL = 1kΩ.
3.
∆V
CM = ±2V.
4. RL = 100Ω.
5. Full Power Bandwidth is calculated by equation:
.
6. VOUT = ±200mV, AV = +1.
7. VOUT = ±3V, AV = +1.
8.
∆V
S = ±4V to ±6V.
9. See Thermal Constants in “Applications Information” section. Maximum power dissipation, including output load, must be designed to
maintain the junction temperature below +175oC for hermetic packages, and below +150oC for plastic packages.
Electrical Specifications
V+ = +5V, V- = -5V, Unless Otherwise Specified (Continued)
PARAMETERS
TEMP
HFA-0005-9
HFA-0005-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
FP BW
Slew Rate
2
πV
PEAK
------------------- ,V
PEAK
3.0V
==
Die Characteristics
Thermal Constants (oC/W)
θ
JA
θ
JC
CAN . . . . . . . . . . . . . . . . . .
120
37
PDIP . . . . . . . . . . . . . . . . .
98
36
CDIP . . . . . . . . . . . . . . . . .
75
13
SOIC . . . . . . . . . . . . . . . . .
158
43
Simplified Schematic Diagram
V+
+IN
OUT
RSENSE
-IN
V-
+
-
+
-


Numéro de pièce similaire - HFA-0005

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HFA-0001 INTERSIL-HFA-0001 Datasheet
666Kb / 10P
   Ultra High Slew RateOperational Amplifier
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
HFA-0003 INTERSIL-HFA-0003 Datasheet
149Kb / 4P
   Ultra High Speed Comparator
HFA-0003L INTERSIL-HFA-0003L Datasheet
149Kb / 4P
   Ultra High Speed Comparator
More results

Description similaire - HFA-0005

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
logo
Rohm
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
logo
Unisonic Technologies
M2136 UTC-M2136_15 Datasheet
166Kb / 4P
   HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com