Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA-5221883 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce HA-5221883
Description  Low Noise, Wideband, Precision Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5221883 Fiches technique(HTML) 1 Page - Intersil Corporation

  HA-5221883 Datasheet HTML 1Page - Intersil Corporation HA-5221883 Datasheet HTML 2Page - Intersil Corporation HA-5221883 Datasheet HTML 3Page - Intersil Corporation HA-5221883 Datasheet HTML 4Page - Intersil Corporation HA-5221883 Datasheet HTML 5Page - Intersil Corporation HA-5221883 Datasheet HTML 6Page - Intersil Corporation HA-5221883 Datasheet HTML 7Page - Intersil Corporation HA-5221883 Datasheet HTML 8Page - Intersil Corporation HA-5221883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
HA-5221/883
Low Noise, Wideband,
Precision Operational Amplifier
Description
The HA-5221/883 is a high performance, dielectrically isolated,
monolithic op amp, featuring precision DC characteristics while
providing excellent AC characteristics. Designed for audio,
video, and other demanding applications, noise (3.6nV/
√Hz at
1kHz typ), total harmonic distortion (<0.005% typ), and DC
errors are kept to a minimum.
The precision performance is shown by low offset voltage
(0.3mV typ), low bias currents (40nA typ), low offset currents
(15nA typ), and high open loop gain (128dB typ). The combi-
nation of these excellent DC characteristics with fast settling
time (0.4
µs typ) make the HA-5221/883 ideally suited for
precision signal conditioning.
The unique design of the HA-5221/883 gives this device out-
standing AC characteristics, including high unity gain band-
width (40MHz typ) and high slew rate (37V/
µs typ), not
normally associated with precision op amps. Other key spec-
ifications include high CMRR (95dB typ) and high PSRR
(100dB typ). The combination of these specifications will
allow the HA-5221/883 to be used in RF signal conditioning
as well as video amplifiers.
Ordering Information
OBSOLETE
PART
NUMBER
SMD NO.
TEMP
RANGE
(oC)
PACKAGE
HA4-5221/883
5962-9163401M2A
-55 to 125
20 Ld CLCC
HA7-5221/883
5962-9163401MPA
-55 to 125
8 Ld CERDIP
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Gain Bandwidth Product . . . . . . . . . . . . . .100MHz (Min)
• Unity Gain Bandwidth . . . . . . . . . . . . . . . . .30MHz (Min)
40MHz (Typ)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . .25V/
µs (Min)
37V/
µs (Typ)
• Low Offset Voltage . . . . . . . . . . . . . . . . . .0.75mV (Max)
0.30mV (Typ)
• High Open Loop Gain . . . . . . . . . . . . . . . . . 106dB (Min)
128dB (Typ)
• Low Voltage Noise (at 1kHz) . . . . . . . . .5.8nV/
√Hz (Max)
3.6nV/
√Hz (Typ)
• Low Current Noise (at 1kHz) . . . . . . . . 2.0pA/
√Hz (Max)
1.4pA/
√Hz (Typ)
• High Output Current . . . . . . . . . . . . . . . . .
±30mA (Min)
±56mA (Typ)
• Low Supply Current. . . . . . . . . . . . . . . . . . . 10mA (Max)
8mA (Typ)
Applications
• Precision Test Systems
• Active Filtering
• Small Signal Video
• Accurate Signal Processing
• RF Signal Conditioning
October 1999
File Number
3716.1
Pinouts
HA-5221/883
(CERDIP)
TOP VIEW
HA-5221/883
(CLCC)
TOP VIEW
1
2
3
4
8
7
6
5
+
OUT
NC
V+
V-
+ BAL
-
-BAL
+IN
-IN
4
5
6
7
8
9
1011 1213
3
2
1
20 19
15
14
18
17
16
NC
NC
NC
OUT
NC
NC
NC
+
+IN
-IN
V+
-
/883
Ver
sion
Obs
olet
e
Rep
lace
with
Equ
ival
ent
SMD
Dev
ice
(See
“Or
deri
ng I
nfor
mat
ion”
Tab
le B
elow
)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
or c
onta
ct o
ur T
ech
nica
l Su
ppo
rt C
ente
r at
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.
com
/tsc


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn