Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA-5221883 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce HA-5221883
Description  Low Noise, Wideband, Precision Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5221883 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button HA-5221883 Datasheet HTML 2Page - Intersil Corporation HA-5221883 Datasheet HTML 3Page - Intersil Corporation HA-5221883 Datasheet HTML 4Page - Intersil Corporation HA-5221883 Datasheet HTML 5Page - Intersil Corporation HA-5221883 Datasheet HTML 6Page - Intersil Corporation HA-5221883 Datasheet HTML 7Page - Intersil Corporation HA-5221883 Datasheet HTML 8Page - Intersil Corporation HA-5221883 Datasheet HTML 9Page - Intersil Corporation HA-5221883 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Corporation and is for use as application
and design information only. No guarantee is implied.
6
HA-5221
Typical Performance Curves Unless Otherwise Specified: T
A = +25
oC, V
SUPPLY = ±15V
SUPPLY CURRENT vs TEMPERATURE
TYPICAL PERFORMANCE CHARACTERISTICS
Device Characterized at: Supply Voltage =
±15V, R
L = 1kΩ, CL = 50pF, Unless Otherwise Specified
PARAMETERS
CONDITIONS
TEMPERATURE
TYPICAL
UNITS
Input Offset Voltage
See Table 1
+25
oC0.3
mV
Full
0.35
mV
Average Offset Voltage Drift
See Table 1
Full
0.5
µV/oC
Input Bias Current
See Table 1
+25
oC40
nA
Full
70
nA
Input Offset Current
See Table 1
+25
oC15
nA
Full
30
nA
Differential Input Resistance
See Table 1
+25
oC70
k
Input Noise Voltage
fO = 0.1Hz to 10Hz
+25
oC0.25
µV
P-P
Input Noise Voltage Density
fO = 10Hz
+25
oC10
nV/
√Hz
fO = 100Hz
+25
oC5
nV/
√Hz
fO = 1kHz
+25
oC3.6
nV/
√Hz
Input Noise Current Density
fO = 10Hz
+25
oC7
pA/
√Hz
fO = 100Hz
+25
oC3
pA/
√Hz
fO = 1kHz
+25
oC1.4
pA/
√Hz
THD & N
See Note 1
+25
oC0.005
%
Large Signal Voltage Gain
VOUT = 0V to ±10V
+25
oC128
dB
Full
120
dB


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn