Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA-5221883 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce HA-5221883
Description  Low Noise, Wideband, Precision Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5221883 Fiches technique(HTML) 4 Page - Intersil Corporation

  HA-5221883 Datasheet HTML 1Page - Intersil Corporation HA-5221883 Datasheet HTML 2Page - Intersil Corporation HA-5221883 Datasheet HTML 3Page - Intersil Corporation HA-5221883 Datasheet HTML 4Page - Intersil Corporation HA-5221883 Datasheet HTML 5Page - Intersil Corporation HA-5221883 Datasheet HTML 6Page - Intersil Corporation HA-5221883 Datasheet HTML 7Page - Intersil Corporation HA-5221883 Datasheet HTML 8Page - Intersil Corporation HA-5221883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
HA-5221/883HA-5221/883
Full Power Bandwidth
FPBW
VPEAK = 10V
1, 2
-55
oC to +125oC398
-
kHz
Minimum Closed Loop
Stable Gain
CLSG
RL = 1kΩ, CL = 50pF
1
-55oC to +125oC1
-
V/V
Rise and Fall Time
tR, tF
VOUT = ±100mV
1, 4
+25oC-
20
ns
Overshoot
±OS
VOUT = ±100mV
1
+25oC-
25
%
-55oC to +125oC-
30
%
Power Consumption
PC
VOUT = 0V, IOUT =
0mA
1, 3
-55oC to +125oC-
660
mW
NOTES:
1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These param-
eters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization
based upon data from multiple production runs which reflect lot to lot and within lot variation.
2. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2
πV
PEAK).
3. Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.).
4. Measured between 10% and 90% points.
5. Input Noise Voltage Density and Input Noise Current Density limits are based on characterization data.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLE 1)
Interim Electrical Parameters (Pre Burn-In)
1
Final Electrical Test Parameters
1 (Note 1), 2, 3, 4, 5, 6
Group A Test Requirements
1, 2, 3, 4, 5, 6
Groups C and D Endpoints
1
NOTE:
1. PDA applies to Subgroup 1 only.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
Device Characterized at: VSUPPLY = ±15V, RLOAD = 1kΩ, CLOAD = 50pF, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn