Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA-5102883 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce HA-5102883
Description  Dual, Low Noise, High Performance Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5102883 Fiches technique(HTML) 4 Page - Intersil Corporation

  HA-5102883 Datasheet HTML 1Page - Intersil Corporation HA-5102883 Datasheet HTML 2Page - Intersil Corporation HA-5102883 Datasheet HTML 3Page - Intersil Corporation HA-5102883 Datasheet HTML 4Page - Intersil Corporation HA-5102883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
112
Spec Number
511019-883
Specifications HA-5102/883
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Characterized at: VSUPPLY = ±15V, RLOAD = 2kΩ, CLOAD = 50pF, AVCL = 1V/V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Differential Input
Resistance
RIN
VCM = 0V
1
+25oC250
-
k
Input Noise Voltage
Density
EN
RS = 20Ω,
fO = 1000Hz
1+25oC-
6
nV
/√Hz
Input Noise Current
Density
IN
RS = 2MΩ,
fO = 1000Hz
1+25oC-
3
pA
/√Hz
Full Power
Bandwidth
FPBW
VPEAK = 10V
1, 2
+25oC16
-
kHz
Minimum Closed Loop
Stable Gain
CLSG
RL = 2kΩ, CL = 50pF
1
-55oC to +125oC+1
-
V/V
Output Resistance
ROUT
Open Loop
1
+25oC-
360
Quiescent Power
Consumption
PC
VOUT = 0V, IOUT =
0mA
1, 3
-55oC to +125oC-
180
mW
Channel Separation
CS
RS = 1kΩ,
AVCL = 100V/V,
VIN = 100mVPEAK at
10kHz Referred to
Input
1+25oC60
-
dB
NOTES:
1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These pa-
rameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characteriza-
tion based upon data from multiple production runs which reflect lot to lot and within lot variation.
2. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2
πVPEAK).
3. Quiescent Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.).
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLES 1 AND 2)
Interim Electrical Parameters (Pre Burn-In)
1
Final Electrical Test Parameters
1 (Note 1), 2, 3, 4, 5, 6
Group A Test Requirements
1, 2, 3, 4, 5, 6
Groups C and D Endpoints
1
NOTE:
1. PDA applies to Subgroup 1 only.


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn