Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA-2850883 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce HA-2850883
Description  Low Power, High Slew Rate, Wideband Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2850883 Fiches technique(HTML) 5 Page - Intersil Corporation

  HA-2850883 Datasheet HTML 1Page - Intersil Corporation HA-2850883 Datasheet HTML 2Page - Intersil Corporation HA-2850883 Datasheet HTML 3Page - Intersil Corporation HA-2850883 Datasheet HTML 4Page - Intersil Corporation HA-2850883 Datasheet HTML 5Page - Intersil Corporation HA-2850883 Datasheet HTML 6Page - Intersil Corporation HA-2850883 Datasheet HTML 7Page - Intersil Corporation HA-2850883 Datasheet HTML 8Page - Intersil Corporation HA-2850883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
248
Spec Number
511095-883
HA-2850/883
Die Characteristics
DIE DIMENSIONS:
65 x 52 x 19 mils
± 1 mils
1650 x 1310 x 483
µm ± 25.4µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
± 2kÅ
GLASSIVATION:
Type: Nitride over Silox
Silox Thickness: 12k
Å
± 2kÅ
Nitride Thickness: 3.5k
Å
± 1.5kÅ
WORST CASE CURRENT DENSITY:
0.7 x 105 A/cm2 at 1.8mA
SUBSTRATE POTENTIAL (Powered Up): V-
TRANSISTOR COUNT: 34
PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-2850/883
V-
+IN
-IN
OUT
V+


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn