Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA-2541883 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce HA-2541883
Description  Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2541883 Fiches technique(HTML) 5 Page - Intersil Corporation

  HA-2541883 Datasheet HTML 1Page - Intersil Corporation HA-2541883 Datasheet HTML 2Page - Intersil Corporation HA-2541883 Datasheet HTML 3Page - Intersil Corporation HA-2541883 Datasheet HTML 4Page - Intersil Corporation HA-2541883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3-32
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
HA-2541/883
Die Characteristics
DIE DIMENSIONS:
80 x 90 x 19 mils
± 1 mils
2020 x 2280 x 483
µm ± 25.4µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
± 2kÅ
GLASSIVATION:
Type: Nitride(Si3N4) over Silox (SiO2, 5% Phos.)
Silox Thickness: 12k
Å
± 2kÅ
Nitride Thickness: 3.5k
Å
± 1.5kÅ
WORST CASE CURRENT DENSITY:
5.3 x 104 A/cm2
SUBSTRATE POTENTIAL (Powered Up): V-
TRANSISTOR COUNT: 41
PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-2541/883
+IN
V-
NC
OUTPUT
V+
BAL
-IN
BAL
Spec Number
511026-883


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn