Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZL40510 Fiches technique(PDF) 17 Page - Zarlink Semiconductor Inc

No de pièce ZL40510
Description  Dual Output DVD and CD 4 Channel Laser Diode Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40510 Fiches technique(HTML) 17 Page - Zarlink Semiconductor Inc

Back Button ZL40510 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 15Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 16Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 17Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 18Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 19Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 20Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 21Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
ZL40510/14
Data Sheet
17
Zarlink Semiconductor Inc.
Note: A = 100% Tested
B = Guaranteed by Characterization and Design
C= Guaranteed by Design
† (EN2, /EN2), (EN3, /EN3), (EN4, /EN4) pulse rise and fall time = 0.4 ns.
Electrical Dynamic Characteristics Vcc = 5 V, Tamb = 25°C, INR = 400 uA, IN2 = IN3 = IN4 = 160 µA, PWR_UP = High, Ch2, Ch3,
Ch4 disabled, OSCEN = Low, unless otherwise specified.
Characteristic
Min.
Typ.
Max.
Units
Comments
Type
Oscillator
Frequency adjust range Low
250
MHz
RF = 16 k
Ω, OSCEN = High
B
Frequency adjust range High
575
MHz
RF = 2 k
Ω, OSCEN = High
B
Frequency tolerance (ZL40510)
338
375
412
MHz
RF = 7.5 k
Ω, OSCEN = High
A
Frequency tolerance (ZL40514)
322
375
428
MHz
RF = 7.5 k
Ω, OSCEN = High
A
Frequency temperature coefficient
200
ppm/
°C
RF = 7.5 k
Ω, OSCEN = High
C
Amplitude adjust range Low
(RS=11K
)
36
mA pk
to pk
RS = 11 k
Ω, OSCEN = High
RF=9 K (350 MHz) InR = 1 mA
B
Amplitude adjust range High
(RS=1K
)
100
mA pk
to pk
RS = 1 k
Ω, OSCEN = High
RF = 9 K (330 MHz) InR = 1 mA
B
Third Harmonic
-30
dBC
RS = 10 k
Ω to 2 kΩ, OSCEN =
High
RF = 9 K (330 MHz)
InR = 400 uA
C
Second Harmonic
-20
dBC
RS = 10 k
Ω to 2 kΩ, OSCEN =
High
RF = 9 K (330 MHz)
InR = 400 uA
C
Amplitude tolerance
-20
0
20
%
Fosc= 250 MHz to 450 MHz,
OSCEN = High, RS 1%
C
Amplitude (RS = 7.5 K)
42
mA pk
to pk
f = 375 MHz, RS = 7.5 k
Ω,
OSCEN = High
C
Amplitude flatness
4dB
RS = 7.5 k
Ω, RF = 9 kΩ to 4 kΩ
B
Amplitude temperature coefficient
800
ppm/
°C
RF = 5.6 k
Ω, OSCEN = High
C
Oscillator enable time, tonOsc
2
ns
50% OSCEN High-Low to 50%
Iout
B
Oscillator disable time, toffOsc
3
ns
50% OSCEN Low-High to 50%
Iout
B


Numéro de pièce similaire - ZL40510

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZL40510 ZARLINK-ZL40510 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510LDE ZARLINK-ZL40510LDE Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510LDF ZARLINK-ZL40510LDF Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510LDG ZARLINK-ZL40510LDG Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
More results

Description similaire - ZL40510

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZL40511 ZARLINK-ZL40511 Datasheet
3Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511 ZARLINK-ZL40511_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40539 ZARLINK-ZL40539 Datasheet
538Kb / 26P
   Dual Output CD and DVD 4 Channel Laser Diode Driver
logo
Maxim Integrated Produc...
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
   Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
Sony Corporation
CXA2680ER SONY-CXA2680ER Datasheet
52Kb / 2P
   Five-Channel Dual CD/DVD Laser Driver for Ultra Combo Drives
logo
ATMEL Corporation
ATR0885 ATMEL-ATR0885 Datasheet
130Kb / 6P
   3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
   DVD/CD Read Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com