Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZL40510 Fiches technique(PDF) 16 Page - Zarlink Semiconductor Inc

No de pièce ZL40510
Description  Dual Output DVD and CD 4 Channel Laser Diode Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40510 Fiches technique(HTML) 16 Page - Zarlink Semiconductor Inc

Back Button ZL40510 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 15Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 16Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 17Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 18Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 19Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 20Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
ZL40510/14
Data Sheet
16
Zarlink Semiconductor Inc.
Note: A = 100% Tested
B = Guaranteed by Characterization and Design
C= Guaranteed by Design
† (EN2, /EN2), (EN3, /EN3), (EN4, /EN4) input pulse rise and fall time = 0.4 ns.
‡ Parameter is measured Electrical Pulse Response using 3.9 Ohm load to gnd and Zarlink Application Board. Pulse response performance
parameters Trise, Tfall, Overshoot and Undershoot can be limited by interconnect inductance. Optical Response is influenced by Laser Diode
response. See Application Notes.
Characteristic
Min.
Typ.
Max.
Units
Comments
Type
Timing
Current Output OutA & OutB
Channel rise time, (10% to
90%), tr2
0.9
1.2
ns
40 to 375 mA, Ch2, 3 or 4 pulsed
† ‡
B
Channel fall time, (10% to
90%), tf2
1.1
1.4
ns
40 to 375 mA, Ch2, 3 or 4 pulsed
† ‡
B
Output current overshoot
(any write channel)
13
%
40 to 375 mA Ch2 3, 4 pulsed
B
Output current undershoot
(any write channel)
13
%
40 to 375 mA Ch2 3, 4 pulsed
B
Channel to Channel Enable
Skew Tr
50
ps
B
Channel to Channel Enable
Skew Tf
25
ps
B
Iout ON propagation delay, tonCh
1.4
1.8
ns
50% En High-Low to 50% Iout,
any write channel
B
Iout OFF propagation delay,
toffCh
1.2
1.6
ns
50% En Low-High to 50% Iout,
any write channel
B
Amplifier -3dB bandwidth (ChR)
23
43
68
MHz
INR = 400
µAC
Amplifier -3dB bandwidth (Ch2,
3, 4)
6
11
16
MHz
IN2, IN3, IN4 = 400
µAC
Power_Up & SelA
Power_Up time, ton
1.5
3.5
µs
50% Enable Low-High to 50%
Iout
C
Power_Up time, toff
20
33
ns
50% Enable High-Low to 50%
Iout
C
Output A select delay
5
8
ns
50% DVD/CD select Low-High to
50% IOUTA
C
Output A deselect delay
5
8
ns
50% DVD/CD select High-Low to
50% IOUTA
C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn