Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZL40510 Fiches technique(PDF) 9 Page - Zarlink Semiconductor Inc

No de pièce ZL40510
Description  Dual Output DVD and CD 4 Channel Laser Diode Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40510 Fiches technique(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL40510 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL40510 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
ZL40510/14
Data Sheet
9
Zarlink Semiconductor Inc.
2.0
Application Diagram
Figure 5 - Application Schematic Diagram
3.0
Evaluation Boards From Zarlink Semiconductor
Zarlink Semiconductor provides an LDD evaluation board. This is primarily for those interested in performing their
own assessment of the operation of the LDDs. Figure 5 shows a recommended application configuration. The
inputs are connected via side launch SMA connectors.
Please order as ZLE40510.
24
23
22
13
14
1
2
3
4
5
6
21
20
19
18
17
16
15
ZL40510
VCC_A
VCC_B
GND
OUTA
OUTB
SELA
9
10
11
12
8
7
/EN4
EN4
/EN3
EN3
/EN2
EN2
VCC
470uF
470nF
470nF
GND
750R
750R
620R
10K
1nF
750R
12k 6k2
750R 12k
50R
4R7
GND
1nF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn