Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1011A075 Fiches technique(PDF) 1 Page - Littelfuse

No de pièce SL1011A075
Description  Gas Discharge Tubes - High Performance Beta Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011A075 Fiches technique(HTML) 1 Page - Littelfuse

  SL1011A075 Datasheet HTML 1Page - Littelfuse SL1011A075 Datasheet HTML 2Page - Littelfuse SL1011A075 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
329
www .littelfuse .com
8
Gas Discharge Tubes
2 ELECTRODE GDT
GRAPHICAL SYMBOL
1011 A
Voltage
Pin Configuration
SL
ORDERING INFORMATION
60 +
_ 0.4
6.0 +
_ 0.2
6.0 +
_ 0.2
8.0 +
_ 0.2
SL1011AxxxA
SL1011AxxxC
All dimensions in mm
Greentube™ SL1011A Series Gas Plasma Arresters
High Performance Beta Range
The SL1011A series offers high levels of performance on fast ris-
ing transients in the domain of 100V/
µS to 1KV/µS, which are
those most likely from induced Lightning disturbances. The
SL1011A series also features ultra low capacitance (typically 1pF
or less) making them ideal for the protection of high-speed
transmission equipment. These devices are extremely robust and
are able to divert a 5,000A pulse without destruction.
FEATURES
RoHS compliant
• Low insertion loss
Excellent response to fast rising transients.
Ultra low capacitance.
5KA surge capability tested with 8/20
µs pulse as defined by
IEC 61000-4-5
20,000 A single shot surge capability tested with 8/20
µs
pulse as defined by IEC 61000-4-5
Applications:
Broadband equipment.
ADSL equipment.
XDSL equipment.
Satellite and CATV equipment.
General telecom equipment.
Mechanical Specifications:
Weight:
2.7g (0.095 oz.)
Materials:
Electrode Base: Nickel Iron Alloy
Electrode Plating: Bright Sn
Body: Ceramic
Device Marking:
Littelfuse ‘LF’ marking, Voltage and
date code.
®
Pb
RoHS
A = Leaded
C = Core


Numéro de pièce similaire - SL1011A075

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
SL1011A075 LITTELFUSE-SL1011A075 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1011A075 LITTELFUSE-SL1011A075 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
SL1011A075A LITTELFUSE-SL1011A075A Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
More results

Description similaire - SL1011A075

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
217Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
HV275A LITTELFUSE-HV275A Datasheet
80Kb / 2P
   Gas Discharge Tubes - High Performance Beta Range
SL1021A LITTELFUSE-SL1021A Datasheet
272Kb / 4P
   Gas Discharge Tubes - High Performance Beta Range
SL1122A LITTELFUSE-SL1122A Datasheet
99Kb / 2P
   Gas Discharge Tubes - High Performance Alpha Range
SL1024B LITTELFUSE-SL1024B Datasheet
202Kb / 3P
   Gas Discharge Tubes - Omega Range
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com