Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4403 Fiches technique(PDF) 3 Page - Continental Device India Limited

No de pièce 2N4403
Description  NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N4403 Fiches technique(HTML) 3 Page - Continental Device India Limited

  2N4403 Datasheet HTML 1Page - Continental Device India Limited 2N4403 Datasheet HTML 2Page - Continental Device India Limited 2N4403 Datasheet HTML 3Page - Continental Device India Limited 2N4403 Datasheet HTML 4Page - Continental Device India Limited 2N4403 Datasheet HTML 5Page - Continental Device India Limited 2N4403 Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Continental Device India Limited
Data Sheet
Page 3 of 6
Characteristic
Symbol
2N4400 2N4401 2N4402 2N4403
Unit
Voltage Feedback Ratio
hre ALL
0.1-8.0
x10–4
IC=1mA, VCE=10V, f=1KHz
Output Admittance
IC=1mA, VCE=10V, f=1KHz hoe
1.0-30
1.0-30
1.0-100 1.0-100
µ
Collector-Base Capacitance
VCB=5V, IE=0, f=100KHz
Ccb
<6.5
<6.5
-
-
pF
VCB=10V, IE=0, f=140KHz
-
-
<8.5
<8.5
pF
Emitter-Base Capacitance
VEB=0.5V, IC=0, f=100KHz Ceb
<30
<30
-
-
pF
VEB=0.5V, IC=0, f=140KHz
-
-
<30
<30
pF
Transition Frequency
IC=20mA, VCE=10V
fT
>200
>250
>150
>200
MHz
f=100MHz
SWITCHING CHARACTERISTICS
VCC=30V, VEB=2V,
IC=150mA, IB1=15mA
Delay time
td ALL
<15
ns
Rise time
tr ALL
<20
ns
VCC=30V, IC=150mA,
IB1=IB2=15mA
Storage time
ts ALL
<225
ns
Fall time
tf ALL
<30
ns
*Pluse Test : Pluse width
≤ 300µs, duty ≤ 2.0%.
2N4400, 2N4401
2N4402, 2N4403


Numéro de pièce similaire - 2N4403

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
297Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996
logo
SEMTECH ELECTRONICS LTD...
2N4403 SEMTECH_ELEC-2N4403 Datasheet
333Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
Vishay Siliconix
2N4403 VISHAY-2N4403 Datasheet
33Kb / 3P
   Small Signal Transistor (PNP)
08-May-02
logo
Micro Commercial Compon...
2N4403 MCC-2N4403 Datasheet
239Kb / 4P
   PNP General Purpose Amplifier
logo
Rohm
2N4403 ROHM-2N4403 Datasheet
40Kb / 1P
   PNP Medium Power Transistor (Switching)
More results

Description similaire - 2N4403

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
   PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
   NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
   PNP/NPN Epitaxial Planar Silicon Transistors
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
   PNP/NPN Epitaxial Planar Silicon Transistors
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
   SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
Continental Device Indi...
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
   PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MMBT5451DW SEMTECH_ELEC-MMBT5451DW Datasheet
410Kb / 6P
   NPN/PNP Silicon Epitaxial Planar Transistors
logo
Sanyo Semicon Device
2SA1511 SANYO-2SA1511 Datasheet
88Kb / 2P
   PNP / NPN EPITAXIAL PLANAR SILICON TRANSISTORS
2SA1420 SANYO-2SA1420 Datasheet
94Kb / 2P
   PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
DONGGUAN YOU FENG WEI E...
MMBT3946DW YFWDIODE-MMBT3946DW Datasheet
636Kb / 6P
   NPN / PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com