Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NBLVEP16VR Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce NBLVEP16VR
Description  2.5V/3.3V/5V ECL Differential Receiver/Driver with Oscillator Gain Stage and Enabled High Gain Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBLVEP16VR Fiches technique(HTML) 5 Page - ON Semiconductor

  NBLVEP16VR Datasheet HTML 1Page - ON Semiconductor NBLVEP16VR Datasheet HTML 2Page - ON Semiconductor NBLVEP16VR Datasheet HTML 3Page - ON Semiconductor NBLVEP16VR Datasheet HTML 4Page - ON Semiconductor NBLVEP16VR Datasheet HTML 5Page - ON Semiconductor NBLVEP16VR Datasheet HTML 6Page - ON Semiconductor NBLVEP16VR Datasheet HTML 7Page - ON Semiconductor NBLVEP16VR Datasheet HTML 8Page - ON Semiconductor NBLVEP16VR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NBLVEP16VR
http://onsemi.com
5
ATTRIBUTES
Characteristics
Value
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 150 V
> 1 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Rating
Unit
VCC
LVPECL Mode Power Supply
VEE = 0 V
6
V
VEE
NECL Mode Power Supply
VCC = 0 V
−6
V
VI
LVPECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
6
−6
V
V
IBB
VBB Current Sink/Source
$1.5
mA
IIN
Input Current (VIN − VBB) B 470 W
D, D
$5
mA
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 LFPM
500 LFPM
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
°C/W
Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute maximum−rated conditions is not implied. Functional
operation should be restricted to the Recommended Operating Conditions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn