Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA100P80-1TI Fiches technique(PDF) 1 Page - Littelfuse

No de pièce LA100P80-1TI
Description  LA100P Semiconductor Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA100P80-1TI Fiches technique(HTML) 1 Page - Littelfuse

  LA100P80-1TI Datasheet HTML 1Page - Littelfuse LA100P80-1TI Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
97
LA100P Semiconductor Fuses
1000 VAC I Very Fast-Acting I 15 – 1000 Amperes
SPECIFICATIONS
Voltage Rating: AC: 1000 Volts
DC: 750 Volts
Interrupting Rating: 100,000 Amperes
Ampere Range: 15 – 1000 Amperes
Approvals: UL Recognized under the components
program.
Littelfuse’s LA100P semiconductor protection fuses are rated
1000V, extending the range of protection for UPS systems,
AC and DC drives, reduced voltage motor starters and simi-
lar applications where lower I2t and superior reliability are
needed. With ratings from 15-1000 amperes, a wide range of
high voltage applications can be served.
FEATURES
I
Low I2t minimizes damage to protected components on
short circuit.
I
Controlled arc voltage reduces stress to circuit compo-
nents during fuse clearing.
APPLICATIONS
Protection of UPS systems, AC/DC drives, reduced voltage
motor starters and other 1000V or less semiconductor
devices.
LA 100 P 80 -4 TI
Style
Littelfuse
Ampere
Rating
Mounting
Type
Voltage
(1000)
ORDERING INFORMATION
Integral
Blown-Fuse
Indicator
Ferrule
1
Blades/Bolt-in
4
Trigger Indicator
TI
Note: Mounting types and integral blown fuse indicators are
optional for specified ratings.
NEW


Numéro de pièce similaire - LA100P80-1TI

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LA100P80-4 LITTELFUSE-LA100P80-4 Datasheet
102Kb / 2P
   Special Purpose Fuses
LA100P80-4TI LITTELFUSE-LA100P80-4TI Datasheet
102Kb / 2P
   Special Purpose Fuses
More results

Description similaire - LA100P80-1TI

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LSCR LITTELFUSE-LSCR Datasheet
310Kb / 4P
   Semiconductor Fuses
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
logo
List of Unclassifed Man...
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com