Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-D1509.MP5 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce HLMP-D1509.MP5
Description  PCB MOUNT LED INDICATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-D1509.MP5 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  HLMP-D1509.MP5 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-D1509.MP5 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-D1509.MP5 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-D1509.MP5 Datasheet HTML 4Page - Fairchild Semiconductor HLMP-D1509.MP5 Datasheet HTML 5Page - Fairchild Semiconductor HLMP-D1509.MP5 Datasheet HTML 6Page - Fairchild Semiconductor HLMP-D1509.MP5 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PACKAGE DIMENSIONS
12/11/02
Page 1 of 7
© 2002 Fairchild Semiconductor Corporation
PCB MOUNT LED INDICATORS
MAX
.160
(4.57)
.125
(3.18)
.185 REF
(4.70)
.250
(6.35)
.200
(5.08)
.400
(10.16)
.100 TYP
(2.54)
CATHODE
.120 DIA.
(3.05)
.025 (.63)
.015 (.37)
.025 (.63)
.015 (.37)
.290 MAX
(7.37)
Description
For right-angle and vertical viewing, the QT Optoelectronics LED circuit
board indicators come in T-3/4, T-1 and T-1 3/4 lamp sizes, and in single,
dual and multiple packages. The indicators are available in AlGaAs red,
high-efficiency red, bright red, green, yellow, and bi-color at standard
drive currents, as well as at 2 mA drive current. To reduce component
cost and save space, 5V and 12V types are available with integrated
resistors. The LEDs are packaged in a black plastic housing for optical
contrast, and the housing meets UL94V-O Flammability specifications.
First color indicated is on top, and the second color is on the bottom.
For example: QLA694B-GY has GRN(top)/YEL(bottom).
General Notes:
1. All dimensions are in inches (mm).
2. Tolerance is ±0.15 (± .38) unless otherwise specified.
3.
All electrical values are typical.
4. All parts have colored diffused lens except those with an asterisk (*), which denotes colored
clear lens.
5. Custom color combinations are available.
T-1 (3mm)
Part Number
Color
View
Angle
(°)
VF
mcd
@ mA
PKG.
FIG
MV5064.MP4A
MV5364.MP4A
MV5464.MP4A
MV5764.MP4A
RED
YELLOW
GREEN
H-E RED
60
60
60
60
1.6
2.1
2.2
2.0
1.5
2.0
5.0
2.0
20
10
20
10
4A
4A
4A
4A
MV5064.MP4B
MV5364.MP4B
MV5464.MP4B
MV5764.MP4B
RED
YELLOW
GREEN
H-E RED
60
60
60
60
1.6
2.1
2.2
2.0
1.5
2.0
5.0
2.0
20
10
20
10
4B
4B
4B
4B
LOW CURRENT (2mA)
HLMP-1700.MP4A
HLMP-1719.MP4A
HLMP-1790.MP4A
H-E RED
YELLOW
GREEN
50
50
50
1.8
1.9
1.9
2.0
2.0
2.0
2
2
2
4A
4A
4A
HLMP-1700.MP4B
HLMP-1719.MP4B
HLMP-1790.MP4B
H-E RED
YELLOW
GREEN
50
50
50
1.8
1.9
1.9
2.0
2.0
2.0
2
2
2
4B
4B
4B
AlGaAs RED
HLMP-K101.MP4A
HLMP-K105.MP4A
HLMP-K150.MP4A
HLMP-K155.MP4A
AlGaAs RED
AlGaAs RED*
AlGaAs RED
AlGaAs RED*
60
35
60
45
1.8
1.8
1.6
1.6
45.0
65.0
2.0
3.0
20
20
1
1
4A
4A
4A
4A
HLMP-K101.MP4B
HLMP-K105.MP4B
HLMP-K150.MP4B
HLMP-K155.MP4B
AlGaAs RED
AlGaAs RED*
AlGaAs RED
AlGaAs RED*
60
35
60
45
1.8
1.8
1.6
1.6
45.0
65.0
2.0
3.0
20
20
1
1
4B
4B
4B
4B
T-1 (3mm) bilevel
Part Number
Color
View
Angle
(°)
VF
mcd
@ mA
PKG.
FIG.
QLA694B-2H
QLA694B-2I
QLA694B-2G
QLA694B-2Y
QLA694B-HG
QLA694B-GY
B. RED/B. RED
H-E RED/H-E RED
GRN/GRN
YEL/YEL
B. RED/GRN
GRN/YEL
140
140
140
140
140
140
2.1
2.0
2.1
2.0
2.1
2.1
1.4
6.0
6.0
6.0
1.4
6.0
10
10
10
10
10
10
4C
4C
4C
4C
4C
4C
MAX
.160
(4.57)
.080
(2.03)
.185 REF
(4.70)
.250
(6.35)
.200
(5.08)
.400
(10.16)
.100 TYP
(2.54)
CATHODE
.120 DIA.
(3.05)
.025 (.63)
.015 (.37)
.025 (.63)
.015 (.37)
.290 MAX
(7.37)
.169
(4.30)
.200
(5.08)
.100
(2.54)
.100
(2.54)
.100
(2.54)
.200
(5.08)
.380
(9.65)
.138
(3.5)MIN
.100
(2.54)
.354
(9.0)
Fig. - 4A
Fig. - 4B
Fig. - 4C


Numéro de pièce similaire - HLMP-D1509.MP5

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
HLMP-D1509.MP5 QT-HLMP-D1509.MP5 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-D1509.MP5 QT-HLMP-D1509.MP5 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Description similaire - HLMP-D1509.MP5

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
MV5000 QT-MV5000 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com