Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74LVX573 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC74LVX573
Description  Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX573 Fiches technique(HTML) 4 Page - ON Semiconductor

  MC74LVX573 Datasheet HTML 1Page - ON Semiconductor MC74LVX573 Datasheet HTML 2Page - ON Semiconductor MC74LVX573 Datasheet HTML 3Page - ON Semiconductor MC74LVX573 Datasheet HTML 4Page - ON Semiconductor MC74LVX573 Datasheet HTML 5Page - ON Semiconductor MC74LVX573 Datasheet HTML 6Page - ON Semiconductor MC74LVX573 Datasheet HTML 7Page - ON Semiconductor MC74LVX573 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LVX573
http://onsemi.com
4
CAPACITIVE CHARACTERISTICS
TA = 25°C
TA = − 40 to 85°C
Symbol
Parameter
Min
Typ
Max
Min
Max
Unit
Cin
Input Capacitance
4
10
10
pF
Cout
Maximum 3−State Output Capacitance
6
pF
CPD
Power Dissipation Capacitance (Note 2)
29
pF
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 8 (per latch). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 3.3 V, Measured in SOIC Package)
TA = 25°C
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.5
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.5
−0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
TIMING REQUIREMENTS (Input tr = tf = 3.0 ns)
TA = 25°C
TA = − 40 to 85°C
Symbol
Parameter
Test Conditions
Typ
Limit
Limit
Unit
tw(h)
Minimum Pulse Width, LE
VCC = 2.7 V
VCC = 3.3 ± 0.3 V
6.5
5.0
7.5
5.0
ns
tsu
Minimum Setup Time, D to LE
VCC = 2.7 V
VCC = 3.3 ± 0.3 V
5.0
3.5
5.0
3.5
ns
th
Minimum Hold Time, D to LE
VCC = 2.7 V
VCC = 3.3 ± 0.3 V
1.5
1.5
1.5
1.5
ns
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX573DWR2
SOIC−20
1000 / Tape & Reel
MC74LVX573DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74LVX573DT
TSSOP−20*
75 Units / Rail
MC74LVX573DTR2
TSSOP−20*
2500 / Tape & Reel
MC74LVX573M
SOEIAJ−20
50 Units / Rail
MC74LVX573MG
SOEIAJ−20
(Pb−Free)
50 Units / Rail
MC74LVX573MEL
SOEIAJ−20
2000 / Tape & Reel
MC74LVX573MELG
SOEIAJ−20
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Numéro de pièce similaire - MC74LVX573

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74LVX573 MOTOROLA-MC74LVX573 Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX573 ONSEMI-MC74LVX573 Datasheet
117Kb / 7P
   Octal D-Type Latch with 3-State Outputs
August, 2014 ??Rev. 5
logo
Motorola, Inc
MC74LVX573DT MOTOROLA-MC74LVX573DT Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX573DTG ONSEMI-MC74LVX573DTG Datasheet
117Kb / 7P
   Octal D-Type Latch with 3-State Outputs
August, 2014 ??Rev. 5
MC74LVX573DTR2G ONSEMI-MC74LVX573DTR2G Datasheet
117Kb / 7P
   Octal D-Type Latch with 3-State Outputs
August, 2014 ??Rev. 5
More results

Description similaire - MC74LVX573

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74LVX373 ONSEMI-MC74LVX373 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374 Datasheet
101Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com