Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74LVX573 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC74LVX573
Description  Octal D-Type Latch with 3-State Outputs With 5 V−Tolerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX573 Fiches technique(HTML) 3 Page - ON Semiconductor

  MC74LVX573 Datasheet HTML 1Page - ON Semiconductor MC74LVX573 Datasheet HTML 2Page - ON Semiconductor MC74LVX573 Datasheet HTML 3Page - ON Semiconductor MC74LVX573 Datasheet HTML 4Page - ON Semiconductor MC74LVX573 Datasheet HTML 5Page - ON Semiconductor MC74LVX573 Datasheet HTML 6Page - ON Semiconductor MC74LVX573 Datasheet HTML 7Page - ON Semiconductor MC74LVX573 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74LVX573
http://onsemi.com
3
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
3.6
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
−40
+85
°C
Dt/DV
Input Rise and Fall Time
0
100
ns/V
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA = − 40 to 85°C
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Unit
VIH
High−Level Input Voltage
2.0
3.0
3.6
1.5
2.0
2.4
1.5
2.0
2.4
V
VIL
Low−Level Input Voltage
2.0
3.0
3.6
0.5
0.8
0.8
0.5
0.8
0.8
V
VOH
High−Level Output Voltage
(Vin = VIH or VIL)
IOH = −50 mA
IOH = −50 mA
IOH = −4 mA
2.0
3.0
3.0
1.9
2.9
2.58
2.0
3.0
1.9
2.9
2.48
V
VOL
Low−Level Output Voltage
(Vin = VIH or VIL)
IOL = 50 mA
IOL = 50 mA
IOL = 4 mA
2.0
3.0
3.0
0.0
0.0
0.1
0.1
0.36
0.1
0.1
0.44
V
Iin
Input Leakage Current
Vin = 5.5 V or GND
3.6
±0.1
±1.0
mA
IOZ
Maximum 3−State Leakage Current
Vin = VIL or VIH
Vout = VCC or GND
3.6
±0.2
5
±2.5
mA
ICC
Quiescent Supply Current
Vin = VCC or GND
3.6
4.0
40.0
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
TA = 25°C
TA = − 40 to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Propagation Delay
LE to O
VCC = 2.7 V
CL = 15 pF
CL = 50 pF
8.2
10.7
15.6
19.1
1.0
1.0
18.5
22.0
ns
VCC = 3.3 ± 0.3 V
CL = 15 pF
CL = 50 pF
6.4
8.9
10.1
13.6
1.0
1.0
12.0
15.5
tPLH,
tPHL
Propagation Delay
D to O
VCC = 2.7 V
CL = 15 pF
CL = 50 pF
7.6
10.1
14.5
18.0
1.0
1.0
17.5
21.0
ns
VCC = 3.3 ± 0.3 V
CL = 15 pF
CL = 50 pF
5.9
8.4
9.3
12.8
1.0
1.0
11.0
14.5
tPZL,
tPZH
Output Enable Time
OE to O
VCC = 2.7 V
CL = 15 pF
RL = 1 kW
CL = 50 pF
7.8
10.3
15.0
18.5
1.0
1.0
18.5
22.0
ns
VCC = 3.3 ± 0.3 V
CL = 15 pF
RL = 1 kW
CL = 50 pF
6.1
8.6
9.7
13.2
1.0
1.0
12.0
15.5
tPLZ,
tPHZ
Output Disable Time
OE to O
VCC = 2.7 V
CL = 50 pF
RL = 1 kW
12.1
19.1
1.0
22.0
ns
VCC = 3.3 ± 0.3 V
CL = 50 pF
RL = 1 kW
10.1
13.6
1.0
15.5
tOSHL
tOSLH
Output−to−Output Skew
(Note 1)
VCC = 2.7 V
CL = 50 pF
VCC = 3.3 ± 0.3 V
CL = 50 pF
1.5
1.5
1.5
1.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC74LVX373 Octal D-Type Latch with 3-State Outputs With 5V−Tolerant Inputs 1  2  3  4  5  More ON Semiconductor
MC74LVX374 Octal D-Type Flip-Flop with 3-State Outputs With 5V−Tolerant Inputs 1  2  3  4  5  More ON Semiconductor
MC74LCX374_05 Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1  2  3  4  5  More ON Semiconductor
74F573 Octal D-Type Latch with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
MC74LCX574_05 Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1  2  3  4  5  More ON Semiconductor
IDT74LVC573A 3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1  2  3  4  5  More Integrated Device Technology
MC74LCX573_05 Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1  2  3  4  5  More ON Semiconductor
74LVX573 LOW VOLTAGE CMOS OCTAL D-TYPE LATCH 3-STATE NON INV. WITH 5V TOLERANT INPUTS 1  2  3  4  5  More STMicroelectronics
IDT74ALVCH374 3.3V CMOS OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
MC74LCX16373 Low−Voltage CMOS 16−Bit Transparent Latch With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn