Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVX244 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce 74LVX244
Description  Octal Bus Buffer With 5V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVX244 Fiches technique(HTML) 1 Page - ON Semiconductor

  74LVX244 Datasheet HTML 1Page - ON Semiconductor 74LVX244 Datasheet HTML 2Page - ON Semiconductor 74LVX244 Datasheet HTML 3Page - ON Semiconductor 74LVX244 Datasheet HTML 4Page - ON Semiconductor 74LVX244 Datasheet HTML 5Page - ON Semiconductor 74LVX244 Datasheet HTML 6Page - ON Semiconductor 74LVX244 Datasheet HTML 7Page - ON Semiconductor 74LVX244 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 2
1
Publication Order Number:
MC74LVX244/D
MC74LVX244
Octal Bus Buffer
With 5V−Tolerant Inputs
The MC74LVX244 is an advanced high speed CMOS
non−inverting 3−state octal bus buffer and has two active low output
enables. It is also designed to work with 3−state memory address
drivers, etc. The inputs tolerate voltages up to 7.0 V, allowing the
interface of 5.0 V systems to 3.0 V systems.
Features
High Speed: t
PD = 4.7 ns (Typ) at VCC = 3.3 V
Low Power Dissipation: I
CC = 4
mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Low Noise: V
OLP = 0.8 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance:
Human Body Model > 2000 V;
Machine Model > 200 V
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
20
1
1
20
MARKING
DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
SOIC−20
DW SUFFIX
CASE 751D
LVX244
AWLYYWW
LVX
244
ALYW
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
M SUFFIX
CASE 967
74LVX244
AWLYWW
1
1
1
20
1
20
20
20
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Numéro de pièce similaire - 74LVX244

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74LVX244 STMICROELECTRONICS-74LVX244 Datasheet
257Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
ON Semiconductor
74LVX244 ONSEMI-74LVX244 Datasheet
190Kb / 8P
   Low Voltage Octal Buffer/Line Driver
Revised April 2005
logo
Fairchild Semiconductor
74LVX244M FAIRCHILD-74LVX244M Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVX244M ONSEMI-74LVX244M Datasheet
190Kb / 8P
   Low Voltage Octal Buffer/Line Driver
Revised April 2005
More results

Description similaire - 74LVX244

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74LVX240 ONSEMI-MC74LVX240 Datasheet
95Kb / 8P
   Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX126 ONSEMI-MC74LVX126 Datasheet
91Kb / 5P
   Quad Bus Buffe With 5V?뭈olerant Inputs
February, 2005 ??Rev. 2
MC74LVX245 ONSEMI-MC74LVX245 Datasheet
100Kb / 8P
   Octal Bus Transceiver With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
logo
Toshiba Semiconductor
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ244FK TOSHIBA-TC7MZ244FK Datasheet
229Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX244F TOSHIBA-TC74LCX244F Datasheet
281Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
MC74LVX373 ONSEMI-MC74LVX373 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Toshiba Semiconductor
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
TC74HC7240AP TOSHIBA-TC74HC7240AP_07 Datasheet
260Kb / 7P
   Octal Bus Buffer (with schmitt trigger inputs)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com