Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBM10SH60 Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FSBM10SH60
Description  SPM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBM10SH60 Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FSBM10SH60 Datasheet HTML 5Page - Fairchild Semiconductor FSBM10SH60 Datasheet HTML 6Page - Fairchild Semiconductor FSBM10SH60 Datasheet HTML 7Page - Fairchild Semiconductor FSBM10SH60 Datasheet HTML 8Page - Fairchild Semiconductor FSBM10SH60 Datasheet HTML 9Page - Fairchild Semiconductor FSBM10SH60 Datasheet HTML 10Page - Fairchild Semiconductor FSBM10SH60 Datasheet HTML 11Page - Fairchild Semiconductor FSBM10SH60 Datasheet HTML 12Page - Fairchild Semiconductor FSBM10SH60 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. D, August 2003
Fig. 6. RSC Variation by change of Shunt Resistors ( RSU, RSV, RSW) for Short-Circuit Protection
(1) @ around 100% Rated Current Trip (IC ·=· 10A),,,,
(2) @ around 150% Rated Current Trip (IC ·=· 15A)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
10
20
30
40
50
60
70
80
90
100
110
120
(2)
(1)
R
SU,RSV,RSW []


Numéro de pièce similaire - FSBM10SH60

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBM10SH60A FAIRCHILD-FSBM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
More results

Description similaire - FSBM10SH60

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com