Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AG210 Fiches technique(PDF) 3 Page - Silver Telecom 2019

No de pièce AG210
Description  PoE LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILVERTEL [Silver Telecom 2019]
Site Internet  https://silvertel.com/
Logo SILVERTEL - Silver Telecom 2019

AG210 Fiches technique(HTML) 3 Page - Silver Telecom 2019

  AG210 Datasheet HTML 1Page - Silver Telecom 2019 AG210 Datasheet HTML 2Page - Silver Telecom 2019 AG210 Datasheet HTML 3Page - Silver Telecom 2019 AG210 Datasheet HTML 4Page - Silver Telecom 2019 AG210 Datasheet HTML 5Page - Silver Telecom 2019 AG210 Datasheet HTML 6Page - Silver Telecom 2019 AG210 Datasheet HTML 7Page - Silver Telecom 2019 AG210 Datasheet HTML 8Page - Silver Telecom 2019 AG210 Datasheet HTML 9Page - Silver Telecom 2019 Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
V1.0 February 2020
Datasheet
© Silver Telecom 2020
3
Ag210
POE LED Driver
1
Product Overview
Ag210 Product Selector
Part Number
1
Function
Output
Maximum Continuous
Output Power
2
Date code
3
Marking
Ag210
LED Drive
300-1000mA
40 Watts
WWYY
Auxiliary
5V to 12V
12 Watts
Note 1: Complies with the European Directive 2011/65/EU for the Restriction of use of certain Hazardous Substances (RoHS) including
Directive 2015/863 published in 2015, amending Annex II of Directive 2011/65/EU. Moisture Sensitive Level 1 and HBM 1.
Note 2: At 25°C with VIN = 48V
Note 3: Date code format:
“WW” = Week Number, “YY” = Year.
Table 1: Ordering Information
Figure 1: Block Diagram
Package Format
Figure 2: Ag210 Package Format
Spare
Pair
Data
Pair
μ-Controller
DIM
Signature
Class
& UVLO
VIN+
VIN-
~
~
-
+
~
~
-
+
Ag210
+ Vout
- Vout
VIN -
SDA
SCL
I
2C
LED -
LED +
+
-
Voltage Monit or
ADJ
0. 5 - 10V
DC/DC
Converter
DC/DC
Converter
Ag210
1
9


Numéro de pièce similaire - AG210

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
AG2101 AITSEMI-AG2101 Datasheet
585Kb / 8P
   MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2101M8R AITSEMI-AG2101M8R Datasheet
585Kb / 8P
   MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2101M8VR AITSEMI-AG2101M8VR Datasheet
585Kb / 8P
   MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2104 AITSEMI-AG2104 Datasheet
557Kb / 9P
   MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
AG2104M8R AITSEMI-AG2104M8R Datasheet
557Kb / 9P
   MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
More results

Description similaire - AG210

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCL31010 ONSEMI-NCL31010 Datasheet
917Kb / 48P
   Complete PoE Connected LED Driver Power Solution, IEEE 802.3bt
January, 2022 - Rev. 0
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com