Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SSP08XDSE20A1 Datasheet(Fiches technique) 1 Page - Schneider Electric

Numéro de pièce SSP08XDSE20A1
Description  SPD - XDSE Type 1 - 600Y/347V - 3PH - 4 Wire - 200kA
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo 

SSP08XDSE20A1 Datasheet(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
SSP08XDSE20A1
SPD - XDSE Type 1 - 600Y/347V - 3PH - 4 Wire -
200kA
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 3,900.00 USD
Main
Product
Surge protection device
Complementary
Surge Current
200 A per phase
Voltage Rating
600Y/347 V AC
Number of Phases
3 phase
Wiring Configuration
4-wire
MCOV
420 V
Rated Current
20 kA
Input voltage
1500 V L-N
1500 V L - G
1500 V L - L
2500 V N - G
Height
5.98 in (152 mm)
Width
5.98 in (152 mm)
Depth
5.98 in (152 mm)
Environment
Enclosure Rating
NEMA 4X
Ordering and shipping details
Category
08466 - SURGE PROTECTION HWA
Discount Schedule
DE1B
Returnability
No
Apr 16, 2020
1


Html Pages

1  2 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn