Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESP8089 Fiches technique(PDF) 12 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

No de pièce ESP8089
Description  The ESP8089 offers a complete and self-contained Wi-Fi networking solution
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Site Internet  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8089 Fiches technique(HTML) 12 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8089 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
"
3. Functional Description
"
OFF: CHIP_PD pin is low. The RTC is disabled. All registers are cleared.
DEEP_SLEEP: Only RTC is powered on – the rest of the chip is powered off.
Recovery memory of RTC can keep basic Wi-Fi connecting information.
SLEEP: Only the RTC is operating. The crystal oscillator is disabled. Any wake-up
events (MAC, host, RTC timer, external interrupts) will put the chip into the WAKE-UP
state.
WAKE-UP: In this state, the system goes from the sleep states to the PWR state. The
crystal oscillator and PLLs are enabled.
ON state: the high speed clock is operational and sent to each block enabled by the
clock control register. Lower-level clock gating is implemented at the block level,
including the CPU, which can be gated off using the WAITI instruction, while the
system is on.
Off
On
Deep Sleep
Sleep
XTAL Off
WAKEUP
events
SLEEP criteria
XTAL_SETTLE
CHIP_PWD
Wakeup
~CHIP_PWD
Espressif
" /"
9 17
2017.06


Numéro de pièce similaire - ESP8089

FabricantNo de pièceFiches techniqueDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8266 ESPRESSIF-ESP8266 Datasheet
3Mb / 117P
   General Purpose Input/Output Interface (GPIO)
ESP8266 ESPRESSIF-ESP8266 Datasheet
811Kb / 29P
   32-bit MCU & 2.4 GHz Wi-Fi SoCs
logo
List of Unclassifed Man...
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
   FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8266EX ESPRESSIF-ESP8266EX Datasheet
811Kb / 29P
   32-bit MCU & 2.4 GHz Wi-Fi SoCs
ESP8285 ESPRESSIF-ESP8285 Datasheet
806Kb / 30P
   32-bit MCU & 2.4 GHz Wi-Fi SoCs
More results

Description similaire - ESP8089

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AMW004 ETC2-AMW004 Datasheet
1Mb / 29P
   Embedded Wi-Fi Networking Solution
logo
Silicon Laboratories
AMW037 SILABS-AMW037 Datasheet
2Mb / 32P
   Embedded Wi-Fi Networking Solution
August 29, 2017
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW106-E03 SILABS-AMW106-E03 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
AMW006-EW2 SILABS-AMW006-EW2 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Advantech Co., Ltd.
EPD-660 ADVANTECH-EPD-660 Datasheet
419Kb / 3P
   13.3 ePaper Wi-Fi Display Solution
16-May-2022
logo
Texas Instruments
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
logo
Richtek Technology Corp...
RT5072 RICHTEK-RT5072 Datasheet
1Mb / 68P
   The RT5072 is a complete power supply solution
RT5016C RICHTEK-RT5016C Datasheet
1Mb / 68P
   The RT5016C is a complete power supply solution
logo
Texas Instruments
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com