Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLIN1028-Q1 Fiches technique(PDF) 28 Page - Texas Instruments

No de pièce TLIN1028-Q1
Description  TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN1028-Q1 Fiches technique(HTML) 28 Page - Texas Instruments

Back Button TLIN1028-Q1_V01 Datasheet HTML 24Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 25Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 26Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 27Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 28Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 29Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 30Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 31Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
28
TLIN1028-Q1
SLLSEX4 – AUGUST 2019
www.ti.com
Product Folder Links: TLIN1028-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
12 Layout
PCB design should start with design of the protection and filtering circuitry because ESD and EFT have a wide
frequency bandwidth from approximately 3 MHz to 3 GHz, high frequency layout techniques must be applied
during PCB design. Placement at the connector also prevents these noisy events from propagating further into
the PCB and system.
12.1 Layout Guidelines
Pin 1 (VSUP): This is the supply pin for the device. A 100 nF decoupling capacitor should be placed as close
to the device as possible.
Pin 2 (EN): EN is an input pin that is used to place the device in a low power sleep mode. If this feature is not
used, the pin should be pulled high to the regulated voltage supply of the microprocessor through a series
resistor, values between 1 k
Ω and 10 kΩ. Additionally, a series resistor may be placed on the pin to limit
current on the digital lines in the event of an over voltage fault.
Pin 3 (GND): This is the ground connection for the device. This pin should be tied to the ground plane
through a short trace with the use of two vias to limit total return inductance.
Pin 4 (LIN): This pin connects to the LIN bus. For slave applications, a 200 pF capacitor to ground is
implemented. For master applications, an additional series resistor and blocking diode should be placed
between the LIN pin and the VSUP pin. See Figure 24
Pin 5 (RXD): The pin is an open drain output and requires and external pull-up resistor in the range of 1 k
to 10 k
Ω to function properly. If the microprocessor paired with the transceiver does not have an integrated
pull-up, an external pull-up resistor should be placed on RXD. If RXD is connected to the VCC pin a higher
pull-up resistor value can be used to reduce standby current.
Pin 6 (TXD): The TXD pin is the transmit input signal to the device from the processors. A series resistor can
be placed to limit the input current to the device in the event of an over voltage on this pin. A capacitor to
ground can be placed close to the input pin of the device to filter noise.
Pin 7 (nRST): This pin connects to the processors as a reset out.
Pin 8 (VCC): Output source, either 3.3 V or 5 V depending upon the version of the device.
NOTE
All ground and power connections should be made as short as possible and use at least
two vias to minimize the total loop inductance.


Numéro de pièce similaire - TLIN1028-Q1_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLIN1028-Q1 TI1-TLIN1028-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
More results

Description similaire - TLIN1028-Q1_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLIN1028-Q1 TI1-TLIN1028-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
TLIN1441-Q1 TI1-TLIN1441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
TLIN2441-Q1 TI1-TLIN2441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
TLIN1021-Q1 TI1-TLIN1021-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
TLIN2027-Q1 TI1-TLIN2027-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TLIN2027-Q1 Fault Protected Local Interconnect Network (LIN) Transceiver
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2024A-Q1 TI-TLIN2024A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLIN2024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
JUNE 2022
TLIN2022A-Q1 TI-TLIN2022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com