Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THS6222 Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce THS6222
Description  THS6222 8 V to 32 V, Differential Broadband HPLC Line Driver With Common-mode Buffer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

THS6222 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button THS6222_V01 Datasheet HTML 9Page - Texas Instruments THS6222_V01 Datasheet HTML 10Page - Texas Instruments THS6222_V01 Datasheet HTML 11Page - Texas Instruments THS6222_V01 Datasheet HTML 12Page - Texas Instruments THS6222_V01 Datasheet HTML 13Page - Texas Instruments THS6222_V01 Datasheet HTML 14Page - Texas Instruments THS6222_V01 Datasheet HTML 15Page - Texas Instruments THS6222_V01 Datasheet HTML 16Page - Texas Instruments THS6222_V01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Time, 15 Ps per division
-15
-12.5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
15
D023
VIN u 10 gain
VO (AV = 10)
Frequency (Hz)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
10k
100k
1M
10M
100M
D015
IMD2
IMD3
Load Resistance, RL (:)
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
10
100
300
D012
HD2
HD3
Load Resistance, RL (:)
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
10
100
300
D013
HD2
HD3
Output Voltage (VPP)
-100
-90
-80
-70
-60
-50
-40
-30
1
10
0.5
20
D010
HD2
HD3
Output Voltage (VPP)
-80
-70
-60
-50
-40
-30
-20
-10
1
10
0.5
20
D011
HD2
HD3
13
THS6222
www.ti.com
SBOS974B – AUGUST 2019 – REVISED APRIL 2020
Product Folder Links: THS6222
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Characteristics: VS = 12 V (continued)
At TA ≈ 25°C, AV = 10 V/V, RF = 1.24 kΩ, RL = 50 Ω, RS = 2.5 Ω, RADJ = 0 Ω, full-bias mode, and VCM = open (unless
otherwise noted).
f = 1 MHz, AV = 10 V/V
Figure 19. Harmonic Distortion vs VO
f = 10 MHz, AV = 10 V/V
Figure 20. Harmonic Distortion vs VO
f = 1 MHz, VO = 2 VPP, AV = 10 V/V
Figure 21. Harmonic Distortion vs RL
f = 10 MHz, VO = 2 VPP, AV = 10 V/V
Figure 22. Harmonic Distortion vs RL
±12.2 kHz tone spacing, VO = 2 VPP per tone
Figure 23. Intermodulation Distortion vs Frequency
VIN = 2.8-VPP triangular waveform
Figure 24. Overdrive Recovery


Numéro de pièce similaire - THS6222_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
THS6222-V01 TI1-THS6222-V01 Datasheet
2Mb / 33P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
More results

Description similaire - THS6222_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
THS6222 TI1-THS6222 Datasheet
547Kb / 20P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
THS6222-V01 TI1-THS6222-V01 Datasheet
2Mb / 33P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
THS6222 TI-THS6222_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS6222 8 V to 32 V, Differential HPLC Line Driver with Common-Mode Buffer
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com