Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HCS03-Q1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HCS03-Q1
Description  SN74HCS03-Q1 Automotive Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS03-Q1 Fiches technique(HTML) 5 Page - Texas Instruments

  SN74HCS03-Q1 Datasheet HTML 1Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 2Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 3Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 4Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 5Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 6Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 7Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 8Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
SN74HCS03-Q1
www.ti.com
SCLS759 – APRIL 2020
Product Folder Links: SN74HCS03-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Guaranteed by design.
6.5 Electrical Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
VT+
Positive switching threshold
2 V
0.7
1.5
V
4.5 V
1.7
3.15
6 V
2.1
4.2
VT-
Negative switching threshold
2 V
0.3
1.0
V
4.5 V
0.9
2.2
6 V
1.2
3.0
ΔVT
Hysteresis (VT+ - VT-)
(1)
2 V
0.2
1.0
V
4.5 V
0.4
1.4
6 V
0.6
1.6
VOL
Low-level output voltage
VI = VIH or VIL
IOL = 20 µA
2 V to 6 V
0.002
0.1
V
IOL = 6 mA
4.5 V
0.18
0.30
IOL = 7.8 mA
6 V
0.22
0.33
II
Input leakage current
VI = VCC or 0
6 V
±100
±1000
nA
ICC
Supply current
VI = VCC or 0, IO = 0
6 V
0.1
2
µA
Ci
Input capacitance
2 V to 6 V
5
pF
(1)
TA = 25°C
6.6 Switching Characteristics
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement Information.
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
MIN
TYP(1)
MAX
UNIT
tpd
Propagation delay
A or B
Y
2 V
15
25
ns
4.5 V
9
13
6 V
9
12
tt
Transition-time
Y
2 V
9
16
ns
4.5 V
5
9
6 V
4
8
(1)
TA = 25°C
6.7 Operating Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Cpd
Power dissipation capacitance per gate
No load
10
pF


Numéro de pièce similaire - SN74HCS03-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HCS03 TI1-SN74HCS03 Datasheet
283Kb / 15P
[Old version datasheet]   SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS03DR TI1-SN74HCS03DR Datasheet
283Kb / 15P
[Old version datasheet]   SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS03PWR TI1-SN74HCS03PWR Datasheet
283Kb / 15P
[Old version datasheet]   SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
More results

Description similaire - SN74HCS03-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HCS03 TI1-SN74HCS03 Datasheet
283Kb / 15P
[Old version datasheet]   SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS09-Q1 TI1-SN74HCS09-Q1 Datasheet
283Kb / 16P
[Old version datasheet]   SN74HCS09-Q1 Automotive Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS266-Q1 TI1-SN74HCS266-Q1 Datasheet
339Kb / 15P
[Old version datasheet]   SN74HCS266-Q1 Automotive Quadruple 2-Input XNOR gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS00-Q1 TI1-SN74HCS00-Q1_V01 Datasheet
340Kb / 18P
[Old version datasheet]   SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00-Q1 TI1-SN74HCS00-Q1 Datasheet
300Kb / 17P
[Old version datasheet]   SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00-Q1 TI-SN74HCS00-Q1_V02 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00-Q1 TI-SN74HCS00-Q1_V03 Datasheet
2Mb / 30P
[Old version datasheet]   SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS09 TI1-SN74HCS09 Datasheet
283Kb / 16P
[Old version datasheet]   SN74HCS09 Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS266 TI1-SN74HCS266 Datasheet
1Mb / 21P
[Old version datasheet]   SN74HCS266 Quadruple 2-Input XNOR gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS08-Q1 TI-SN74HCS08-Q1_V03 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com