Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

EVK-M8U Datasheet(Fiches technique) 6 Page - u-blox AG

Numéro de pièce EVK-M8U
Description  Evaluation Kit
Télécharger  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo 

EVK-M8U Datasheet(HTML) 6 Page - u-blox AG

Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
EVK-M8U - User Guide
UBX-15023994 - R05
Specifications
Page 6 of 27
2 Specifications
Parameter
Specification
Serial Interfaces
1 USB V2.0
1 RS232, max. baud rate 921.6 kBd
DB9 +/- 12 V level
14 pin – 3.3 V logic
1 DDC (I2C compatible) max. 400 kHz
1 SPI – clock signal max.5.5 MHz – SPI DATA max. 1 Mbit/s
Dimensions
105 x 64 x 26 mm
Power Supply
5V via USB or external powered via extra power supply pin 14 (V5_IN) and common
supply/interface ground pin 13 (GND)
Normal Operating temperature
-40 °C to +65 °C
Table 2: EVK-M8U specifications
2.1 Safety precautions
EVK-M8U must be supplied by an external limited power source in compliance with clause 2.5 of the
standard IEC 60950-1. In addition to an external limited power source, only separated or Safety Extra-
Low Voltage (SELV) circuits are to be connected to the evaluation kit, including interfaces and
antennas.
For more information about SELV circuits, see section 2.2 in the IEC 60950-1 [5] safety standard.
CAUTION! IN THE UNLIKELY EVENT OF A FAILURE IN THE INTERNAL PROTECTION CIRCUITRY
THERE IS A RISK OF AN EXPLOSION WHEN CHARGING FULLY OR PARTIALLY DISCHARGED
BATTERIES. REPLACE THE BATTERY IF IT NO LONGER HAS SUFFICIENT CHARGE FOR UNIT
OPERATION. CHECK THE BATTERY BEFORE USING IF THE DEVICE HAS NOT BEEN OPERATED
FOR AN EXTENDED PERIOD OF TIME.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn