Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ET1200 Datasheet(Fiches technique) 68 Page - Beckhoff Automation GmbH & Co. KG

Numéro de pièce ET1200
Description  Slave Controller
Télécharger  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Site Internet  https://beckhoff.com/
Logo 

ET1200 Datasheet(HTML) 68 Page - Beckhoff Automation GmbH & Co. KG

 
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
Mechanical Specifications
III-58
Slave Controller
– ET1200 Hardware Description
11.3
Soldering Profile
The following soldering profile is a maximum soldering profile. For the actual soldering profile many
factors have to be taken into consideration, e.g., solder paste characteristics, the PCB, other
components, materials, and process type. An example soldering profile is shown below.
260°C
218°C
200°C
150°C
25°C
255°C
60-120 s
max. 8 min.
60-120 s
Preheating
Soldering
Cooling
ramp up:
max. 3°C/s
ramp down: max. 6°C/s
max. 12 s
Time
Temperature
Liquidus
L
Figure 37: Maximum Soldering Profile
Figure 38: Example Soldering Profiles
L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn