Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ET1100 Fiches technique(PDF) 72 Page - Beckhoff Automation GmbH & Co. KG

No de pièce ET1100
Description  Slave Controller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Site Internet  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1100 Fiches technique(HTML) 72 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1100 Datasheet HTML 68Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 69Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 70Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 71Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 72Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 73Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 74Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 75Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 76Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 124 page
background image
PDI Description
III-58
Slave Controller
– ET1100 Hardware Description
6.2
Digital I/O Interface
6.2.1
Interface
The Digital I/O PDI is selected with PDI type 0x04. The signals of the Digital I/O interface are:
ET1100
I/O[31:0]
LATCH_IN
OUTVALID
SOF
OE_EXT
OE_CONF
WD_TRIG
EEPROM_LOADED
Figure 19: ET1100 Digital I/O signals
Table 57: ET1100 Digital I/O signals
Signal
Direction
Description
Signal
polarity
I/O[31:0]
IN/OUT/BIDIR
Input/Output or Bidirectional data
LATCH_IN
IN
External data latch signal
act. high
OUTVALID
OUT
Output data is valid/Output event
act. high
SOF
OUT
Start of Frame
act. high
OE_EXT
IN
Output Enable
act. high
OE_CONF
IN
Output Enable Configuration
WD_TRIG
OUT
Watchdog Trigger
act. high
EEPROM_LOADED
OUT
PDI is active, EEPROM is loaded
act. high
6.2.2
Configuration
The Digital I/O interface is selected with PDI type 0x04 in the PDI control register 0x0140. It supports
different configurations, which are located in registers 0x0150
– 0x0153.


Numéro de pièce similaire - ET1100

FabricantNo de pièceFiches techniqueDescription
logo
Torquemeters Limited
ET1103 TORQUEMETERS-ET1103 Datasheet
170Kb / 2P
   Medium Speed Torquemeter
Rev A
logo
Copal Electronics
ET110A10-Z COPAL-ET110A10-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A12-Z COPAL-ET110A12-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A13-Z COPAL-ET110A13-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A32-Z COPAL-ET110A32-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
More results

Description similaire - ET1100

FabricantNo de pièceFiches techniqueDescription
logo
Beckhoff Automation Gmb...
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com