Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ET1100 Fiches technique(PDF) 24 Page - Beckhoff Automation GmbH & Co. KG

No de pièce ET1100
Description  Slave Controller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Site Internet  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1100 Fiches technique(HTML) 24 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1100 Datasheet HTML 20Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 21Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 22Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 23Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 24Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 25Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 26Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 27Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 28Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 124 page
background image
Pin Description
III-10
Slave Controller
– ET1100 Hardware Description
3
Pin Description
For pin configuration there is a table calculation file (ET1100 configuration and pinout V<version>.xls)
available to make pin configuration easier. This file can be downloaded from the Beckhoff homepage
(http://www.beckhoff.com). This documentation supersedes the table calculation file.
Input pins should not be left open/floating. Unused input pins (denoted with direction UI) without
external or internal pull-up/pull-down resistor should not be left open. Unused configuration pins
should be pulled down if the application allows this (take care of configuration signals in the PDI[39:0]
area when bidirectional Digital I/O is used). Unused PDI[39:0] input pins should be pulled down, all
other input pins can be connected to GND directly.
Pull-up resistors must connect to VCC I/O, not to a different power source. Otherwise the ET1100 could
be powered via the resistors and the internal clamping diodes as long as VCC I/O is below the other
power source.
Internal pull-up/pull-down resistor values shown in the pinout tables are nominal.
3.1
Overview
3.1.1
Pin Overview
Table 8: Pin Overview
Pin
Pin name
Dir.
Pin
Pin name
Dir.
A1
PDI[27]/RX_DV(3)/EBUS(3)-RX-
BD/LI-
D7
GNDCore
A2
PDI[26]/TX_ENA(3)/EBUS(3)-TX+
BD/LO+
D8
Res. [7]
I
A3
PDI[24]/TX_D(3)[1]/EBUS(3)-TX-
BD/LO-
D9
GNDI/O
A4
PDI[22]/TX_D(3)[3]
BD
D10
VCC I/O
A5
PDI[20]/RX_D(3)[3]
BD
D11
PDI[1]
BD
A6
PDI[18]/RX_D(3)[0]
BD
D12
PDI[0]
BD
A7
PDI[16]/RX_ERR(3)
BD
E1
TX_D(2)[1]/EBUS(2)-TX-
O/LO-
A8
PDI[14]
BD
E2
PDI[34]/TX_D(2)[0]/
CTRL_STATUS_MOVE
BD
A9
PDI[12]
BD
E3
LINKACT(2)/P_CONF[2]
BD
A10
PDI[10]
BD
E4
Res. [0]
I
A11
PDI[8]
BD
E9
VCC I/O
A12
PDI[6]
BD
E10
Res. [3]
I
B1
PDI[29]/RX_D(3)[1]/EBUS(3)-RX+
BD/LI+
E11
SYNC/LATCH[0]
BD
B2
PDI[28]/PERR(3)/TRANS(3)
BD
E12
SYNC/LATCH[1]
BD
B3
PDI[25]/TX_D(3)[0]
BD
F1
TX_ENA(2)/EBUS(2)-TX+
BD/LO+
B4
PDI[23]/TX_D(3)[2]
BD
F2
LINK_MII(2)/CLK25OUT1
BD
B5
PDI[21]/LINK_MII(3)
BD
F3
VCC I/O (T0)
B6
PDI[19]/RX_D(3)[2]
BD
F4
Res. [6]
I
B7
PDI[17]/RX_CLK(3)
BD
F9
GNDI/O
B8
PDI[15]
BD
F10
VCC I/O
B9
PDI[13]
BD
F11
EEPROM_DATA
BD
B10
PDI[9]
BD
F12
OSC_OUT
O
B11
PDI[7]/CPU_CLK
BD
G1
PDI[35]/RX_ERR(2)
BD
B12
PDI[4]
BD
G2
PDI[36]/RX_CLK(2)
BD
C1
PDI[31]/CLK25OUT2
BD
G3
Res. [1]
I
C2
PDI[30]/LINKACT(3)/P_CONF(3)
BD
G4
Res. [2]
I
C3
PERR(2)/TRANS(2)/PHYAD_OFF
BD
G9
GNDPLL
C4
RBIAS
G10
VCC PLL
C5
VCC I/O
G11
EEPROM_CLK
BD
C6
VCC Core
G12
OSC_IN
I
C7
VCC Core
H1
RX_DV(2)/EBUS(2)-RX-
I/LI-
C8
Res. [4]
I
H2
PDI[37]/RX_D(2)[0]
BD
C9
PDI[11]
BD
H3
TESTMODE
I
C10
PDI[5]
BD
H4
GNDI/O (T1)


Numéro de pièce similaire - ET1100

FabricantNo de pièceFiches techniqueDescription
logo
Torquemeters Limited
ET1103 TORQUEMETERS-ET1103 Datasheet
170Kb / 2P
   Medium Speed Torquemeter
Rev A
logo
Copal Electronics
ET110A10-Z COPAL-ET110A10-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A12-Z COPAL-ET110A12-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A13-Z COPAL-ET110A13-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A32-Z COPAL-ET110A32-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
More results

Description similaire - ET1100

FabricantNo de pièceFiches techniqueDescription
logo
Beckhoff Automation Gmb...
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com