Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MSP430FG4619 Datasheet(Fiches technique) 61 Page - Texas Instruments

Numéro de pièce MSP430FG4619
Description  MSP430FG461x, MSP430CG461x Mixed-Signal Microcontrollers
Télécharger  116 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

MSP430FG4619 Datasheet(HTML) 61 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 61 / 116 page
background image
61
MSP430FG4619, MSP430FG4618, MSP430FG4617, MSP430FG4616
MSP430CG4619, MSP430CG4618, MSP430CG4617, MSP430CG4616
www.ti.com
SLAS508K – APRIL 2006 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430FG4619 MSP430FG4618 MSP430FG4617 MSP430FG4616 MSP430CG4619
MSP430CG4618 MSP430CG4617 MSP430CG4616
Detailed Description
Copyright © 2006–2020, Texas Instruments Incorporated
Table 6-9. Peripherals With Word Access (continued)
MODULE
REGISTER NAME
ACRONYM
ADDRESS
ADC12
See also Table 6-10
Conversion memory 15
Conversion memory 14
Conversion memory 13
Conversion memory 12
Conversion memory 11
Conversion memory 10
Conversion memory 9
Conversion memory 8
Conversion memory 7
Conversion memory 6
Conversion memory 5
Conversion memory 4
Conversion memory 3
Conversion memory 2
Conversion memory 1
Conversion memory 0
Interrupt-vector-word register
Inerrupt-enable register
Inerrupt-flag register
Control register 1
Control register 0
ADC12MEM15
ADC12MEM14
ADC12MEM13
ADC12MEM12
ADC12MEM11
ADC12MEM10
ADC12MEM9
ADC12MEM8
ADC12MEM7
ADC12MEM6
ADC12MEM5
ADC12MEM4
ADC12MEM3
ADC12MEM2
ADC12MEM1
ADC12MEM0
ADC12IV
ADC12IE
ADC12IFG
ADC12CTL1
ADC12CTL0
015Eh
015Ch
015Ah
0158h
0156h
0154h
0152h
0150h
014Eh
014Ch
014Ah
0148h
0146h
0144h
0142h
0140h
01A8h
01A6h
01A4h
01A2h
01A0h
DAC12
DAC12_1 data
DAC12_1 control
DAC12_0 data
DAC12_0 control
DAC12_1DAT
DAC12_1CTL
DAC12_0DAT
DAC12_0CTL
01CAh
01C2h
01C8h
01C0h
Port PA
Port PA selection
Port PA direction
Port PA output
Port PA input
PASEL
PADIR
PAOUT
PAIN
03Eh
03Ch
03Ah
038h
Port PB
Port PB selection
Port PB direction
Port PB output
Port PB input
PBSEL
PBDIR
PBOUT
PBIN
00Eh
00Ch
00Ah
008h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn