Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430FG479 Fiches technique(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430FG479
Description  MSP430FG47x Mixed-Signal Microcontrollers
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FG479 Fiches technique(HTML) 40 Page - Texas Instruments

Back Button MSP430FG479 Datasheet HTML 36Page - Texas Instruments MSP430FG479 Datasheet HTML 37Page - Texas Instruments MSP430FG479 Datasheet HTML 38Page - Texas Instruments MSP430FG479 Datasheet HTML 39Page - Texas Instruments MSP430FG479 Datasheet HTML 40Page - Texas Instruments MSP430FG479 Datasheet HTML 41Page - Texas Instruments MSP430FG479 Datasheet HTML 42Page - Texas Instruments MSP430FG479 Datasheet HTML 43Page - Texas Instruments MSP430FG479 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
40
MSP430FG479, MSP430FG478, MSP430FG477
SLAS580E – OCTOBER 2008 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FG479 MSP430FG478 MSP430FG477
Specifications
Copyright © 2008–2020, Texas Instruments Incorporated
(1)
Corresponding pins configured as OA inputs and outputs respectively.
5.38
Operational Amplifier OA, Supply Specifications
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.2
3.6
V
ICC
Supply current(1)
Fast Mode
2.2 V, 3 V
180
290
µA
Medium Mode
110
190
Slow Mode
50
80
PSRR
Power supply rejection ratio
Noninverting
2.2 V, 3 V
70
dB
(1)
ESD damage can degrade input current leakage.
(2)
The input bias current is overridden by the input leakage current.
(3)
Calculated using the box method.
5.39
Operational Amplifier OA, Input/Output Specifications
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VI/P
Voltage supply, I/P
–0.1
VCC – 1.2
V
IIkg
Input leakage current, I/P(1) (2)
TA = –40 to +55°C
–5
±0.5
5
nA
TA = +55 to +85°C
–20
±5
20
Vn
Voltage noise density, I/P
Fast Mode
fV(I/P) = 1 kHz
50
nV/
√HZ
Medium Mode
80
140
Slow Mode
Fast Mode
fV(I/P) = 10 kHz
30
Medium Mode
50
Slow Mode
65
VIO
Offset voltage, I/P
2.2 V, 3 V
±10
mV
Offset temperature drift, I/P
(3)
2.2 V, 3 V
±10
µV/°C
Offset voltage drift with supply, I/P
0.3 V
≤ VIN ≤ VCC – 0.3 V
ΔVCC ≤ ±10%, TA = 25°C
2.2 V, 3 V
±1.5
mV/V
VOH
High-level output voltage, O/P
Fast Mode, ISOURCE ≤ –500 µA
2.2 V, 3 V
VCC – 0.2
VCC
V
Slow Mode, ISOURCE ≤ –150 µA
VCC – 0.1
VCC
VOL
Low-level output voltage, O/P
Fast Mode, ISOURCE ≤ +500 µA
2.2 V, 3 V
VSS
0.2
V
Slow Mode, ISOURCE ≤ +150 µA
VSS
0.1
CMRR
Common-mode rejection ratio
Noninverting
2.2 V, 3 V
70
dB


Numéro de pièce similaire - MSP430FG479

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430FG479 TI1-MSP430FG479 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430FG479IPN TI-MSP430FG479IPN Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPN TI1-MSP430FG479IPN Datasheet
2Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPNR TI-MSP430FG479IPNR Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPNR TI1-MSP430FG479IPNR Datasheet
2Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Description similaire - MSP430FG479

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com