Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F5507 Fiches technique(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F5507
Description  MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5507 Fiches technique(HTML) 33 Page - Texas Instruments

Back Button MSP430F5507 Datasheet HTML 29Page - Texas Instruments MSP430F5507 Datasheet HTML 30Page - Texas Instruments MSP430F5507 Datasheet HTML 31Page - Texas Instruments MSP430F5507 Datasheet HTML 32Page - Texas Instruments MSP430F5507 Datasheet HTML 33Page - Texas Instruments MSP430F5507 Datasheet HTML 34Page - Texas Instruments MSP430F5507 Datasheet HTML 35Page - Texas Instruments MSP430F5507 Datasheet HTML 36Page - Texas Instruments MSP430F5507 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 125 page
background image
33
MSP430F5510, MSP430F5509, MSP430F5508
MSP430F5507, MSP430F5506, MSP430F5505, MSP430F5504
MSP430F5503, MSP430F5502, MSP430F5501, MSP430F5500
www.ti.com
SLAS645L – JULY 2009 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F5510 MSP430F5509 MSP430F5508 MSP430F5507 MSP430F5506 MSP430F5505
MSP430F5504 MSP430F5503 MSP430F5502 MSP430F5501 MSP430F5500
Specifications
Copyright © 2009–2020, Texas Instruments Incorporated
(1)
The SVSH settings available depend on the VCORE (PMMCOREVx) setting. See the Power Management Module and Supply Voltage
Supervisor chapter in the MSP430F5xx and MSP430F6xx Family User's Guide on recommended settings and use.
5.22 PMM, SVS High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SVSH)
SVS current consumption
SVSHE = 0, DVCC = 3.6 V
0
nA
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 0
200
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 1
1.5
µA
V(SVSH_IT–)
SVSH on voltage level
(1)
SVSHE = 1, SVSHRVL = 0
1.57
1.68
1.78
V
SVSHE = 1, SVSHRVL = 1
1.79
1.88
1.98
SVSHE = 1, SVSHRVL = 2
1.98
2.08
2.21
SVSHE = 1, SVSHRVL = 3
2.10
2.18
2.31
V(SVSH_IT+)
SVSH off voltage level
(1)
SVSHE = 1, SVSMHRRL = 0
1.62
1.74
1.85
V
SVSHE = 1, SVSMHRRL = 1
1.88
1.94
2.07
SVSHE = 1, SVSMHRRL = 2
2.07
2.14
2.28
SVSHE = 1, SVSMHRRL = 3
2.20
2.30
2.42
SVSHE = 1, SVSMHRRL = 4
2.32
2.40
2.55
SVSHE = 1, SVSMHRRL = 5
2.52
2.70
2.88
SVSHE = 1, SVSMHRRL = 6
2.90
3.10
3.23
SVSHE = 1, SVSMHRRL = 7
2.90
3.10
3.23
tpd(SVSH)
SVSH propagation delay
SVSHE = 1, dVDVCC/dt = 10 mV/µs,
SVSHFP = 1
2.5
µs
SVSHE = 1, dVDVCC/dt = 1 mV/µs,
SVSHFP = 0
20
t(SVSH)
SVSH on or off delay time
SVSHE = 0
→ 1, SVSHFP = 1
12.5
µs
SVSHE = 0
→ 1, SVSHFP = 0
100
dVDVCC/dt
DVCC rise time
0
1000
V/s


Numéro de pièce similaire - MSP430F5507

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430F5507 TI1-MSP430F5507 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5507 TI1-MSP430F5507 Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5507IRGZ TI-MSP430F5507IRGZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI-MSP430F5507IRGZR Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI1-MSP430F5507IRGZR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Description similaire - MSP430F5507

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com