Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F5310 Fiches technique(PDF) 32 Page - Texas Instruments

No de pièce MSP430F5310
Description  MSP430F5310, MSP430F530x Mixed-Signal Microcontrollers
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5310 Fiches technique(HTML) 32 Page - Texas Instruments

Back Button MSP430F5310_V01 Datasheet HTML 28Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 29Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 30Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 31Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 32Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 33Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 34Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 35Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
32
MSP430F5310, MSP430F5309, MSP430F5308, MSP430F5304
SLAS677G – SEPTEMBER 2010 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F5310 MSP430F5309 MSP430F5308 MSP430F5304
Specifications
Copyright © 2010–2020, Texas Instruments Incorporated
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(Master) + tSU,SI(USCI), tSU,MI(Master) + tVALID,SO(USCI))
For the master parameters tSU,MI(Master) and tVALID,MO(Master), see the SPI parameters of the attached master.
(2)
Specifies the time to drive the next valid data to the SOMI output after the output changing UCLK clock edge. See the timing diagrams
in Figure 5-9 and Figure 5-10.
(3)
Specifies how long data on the SOMI output is valid after the output changing UCLK clock edge. See the timing diagrams in Figure 5-9
and Figure 5-10.
5.32 USCI (SPI Slave Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
(see Figure 5-9 and Figure 5-10)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
tSTE,LEAD
STE lead time, STE low to clock
PMMCOREV = 0
1.8 V
11
ns
3 V
8
PMMCOREV = 3
2.4 V
7
3 V
6
tSTE,LAG
STE lag time, Last clock to STE high
PMMCOREV = 0
1.8 V
3
ns
3 V
3
PMMCOREV = 3
2.4 V
3
3 V
3
tSTE,ACC
STE access time, STE low to SOMI data out
PMMCOREV = 0
1.8 V
66
ns
3 V
50
PMMCOREV = 3
2.4 V
36
3 V
30
tSTE,DIS
STE disable time, STE high to SOMI high
impedance
PMMCOREV = 0
1.8 V
30
ns
3 V
23
PMMCOREV = 3
2.4 V
16
3 V
13
tSU,SI
SIMO input data setup time
PMMCOREV = 0
1.8 V
5
ns
3 V
5
PMMCOREV = 3
2.4 V
2
3 V
2
tHD,SI
SIMO input data hold time
PMMCOREV = 0
1.8 V
5
ns
3 V
5
PMMCOREV = 3
2.4 V
5
3 V
5
tVALID,SO
SOMI output data valid time (2)
UCLK edge to SOMI valid,
CL = 20 pF, PMMCOREV = 0
1.8 V
76
ns
3 V
60
UCLK edge to SOMI valid,
CL = 20 pF, PMMCOREV = 3
2.4 V
44
3 V
40
tHD,SO
SOMI output data hold time (3)
CL = 20 pF, PMMCOREV = 0
1.8 V
18
ns
3 V
12
CL = 20 pF, PMMCOREV = 3
2.4 V
10
3 V
8


Numéro de pièce similaire - MSP430F5310_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430F5310IPT TI-MSP430F5310IPT Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPT TI1-MSP430F5310IPT Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI-MSP430F5310IPTR Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI1-MSP430F5310IPTR Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IRGC TI-MSP430F5310IRGC Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Description similaire - MSP430F5310_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP430F5310 TI1-MSP430F5310 Datasheet
1Mb / 106P
[Old version datasheet]   MSP430F5310 and MSP430F530x Mixed-Signal Microcontrollers
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com