Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OM3957 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce OM3957
Description  1.3 AMP LOW DROPOUT 3.3 FIXED VOLTAGE REGULATOR APPROVED TO SMD 5962-98590
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

OM3957 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  OM3957 Datasheet HTML 1Page - List of Unclassifed Manufacturers OM3957 Datasheet HTML 2Page - List of Unclassifed Manufacturers OM3957 Datasheet HTML 3Page - List of Unclassifed Manufacturers OM3957 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OM3957NMM
OM3957STM
OM3957SMM
ELECTRICAL CHARACTERISTICS -55°C
T
A
125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
V
OUT
V
IN = 5.0 V, IOUT = 10 mA
3.267
3.333
V
T
A = 25° C
4.75 V
V
IN
18 V,
3.235
3.365
V
10 mA
I
OUT
1.3 A
Line Regulation
³V
OUT
4.5V
V
IN
18 V, I
OUT = 0 A, TA = 25° C
10
m V
(Note 1)
³V
IN
4.5V
V
IN
18 V, I
OUT = 0 A
12
Load Regulation
³V
OUT
V
IN = 5.0 V, 0A
I
OUT
1.3 A
15
m V
(Note 1)
³
I
OUT
T
A = 25° C
V
IN = 5.0 V, 0A
I
OUT
1.3 A
25
m V
Dropout Voltage
V
DO
I
OUT = 1.3 A, ³VREF = 1%
1.5
V
Thermal Regulation
-
30 ms pulse, T
A = +25° C
0.04
% / W
Ripple Rejection
³V
IN
f = 120 Hz, C
Adj = 25 µF,
60
dB
³V
OUT
C
OUT = 25 µF (tantalum), IOUT = 1.3 A,
V
IN = 6.3 V
Quiescent Current
I
Q
V
IN = 18 V
10
m A
Current Limit
I
Lim
V
IN = 8.3 V
1.3
2.5
A
V
IN = 28.3 V
.050
-
-A
Temperature Stability
³V
OUT
-55° C
T
J
+125° C
1.5
%
(Note 2)
³T
Long Term Stability
³V
OUT
T
A = +125° C, t = 1000 hrs
1.0
%
(Note 2)
³T
Notes:
1
. Line and Load Regulation are measured at a constant junction temperature using a low duty cycle pulse technique.
Although power dissipation is internally limited, regulation is guaranteed up to the maximum power dissipation of 13 W.
Power dissipation is determined by the input/output differential voltage and the output current. Guaranteed maximum
power dissipation will not be available over the full input/output voltage range.
2
. Guaranteed by design, characterization or correlation to other tested parameters.
3
. The • denotes the specifications which apply over the full operating temperature range.


Numéro de pièce similaire - OM3957

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
OM3901SC ETC2-OM3901SC Datasheet
33Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
OM3901SC ETC2-OM3901SC Datasheet
36Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
logo
International Rectifier
OM3901SC IRF-OM3901SC Datasheet
36Kb / 4P
   Positive And Negative Regulators In One Package
OM3901SC IRF-OM3901SC_15 Datasheet
36Kb / 4P
   Positive And Negative Regulators In One Package
logo
List of Unclassifed Man...
OM3902SC ETC2-OM3902SC Datasheet
33Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
More results

Description similaire - OM3957

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
OM1830SCM ETC2-OM1830SCM Datasheet
39Kb / 4P
   7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
OM1850 ETC-OM1850 Datasheet
440Kb / 4P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
5962-8998101XA ETC2-5962-8998101XA Datasheet
446Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
logo
International Rectifier
OM1840SCM IRF-OM1840SCM Datasheet
432Kb / 4P
   5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
OM1860STM IRF-OM1860STM Datasheet
447Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
logo
List of Unclassifed Man...
OM3910STM ETC1-OM3910STM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM2940STM ETC-OM2940STM Datasheet
38Kb / 4P
   0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING
OM3914 ETC-OM3914 Datasheet
433Kb / 4P
   3 AMP NEGATIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-87741
OM7671ST ETC-OM7671ST Datasheet
433Kb / 3P
   1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com