Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMH9126 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMH9126
Description  LMH9126 2.2??.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMH9126 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LMH9126 Datasheet HTML 7Page - Texas Instruments LMH9126 Datasheet HTML 8Page - Texas Instruments LMH9126 Datasheet HTML 9Page - Texas Instruments LMH9126 Datasheet HTML 10Page - Texas Instruments LMH9126 Datasheet HTML 11Page - Texas Instruments LMH9126 Datasheet HTML 12Page - Texas Instruments LMH9126 Datasheet HTML 13Page - Texas Instruments LMH9126 Datasheet HTML 14Page - Texas Instruments LMH9126 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LMH9226
LNA
LNA
LMH9226
Tx AFE
Tx AFE
PA
PA
LMH9226
LNA
LNA
LMH9226
Tx AFE
Tx AFE
PA
PA
Analog Front End
f = 2.2 GHz ± 2.9 GHz
fO
DC-DC Converter
+3.3 V
DC-DC Converter
+3.3 V
LDO
LDO
Transceiver Board
LMH9126
LMH9126
LMH9126
LMH9126
+3.3 V
+3.3 V
11
LMH9126
www.ti.com
SNLS634 – APRIL 2020
Product Folder Links: LMH9126
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMH9126 is a differential to single-ended RF gain block amplifier, which works as an active balun in the
transmit path of a 2.2-GHz to 2.8-GHz 5G, TDD m-MIMO or small cell base station. The device replaces the
traditional passive balun and single-ended RF amplifier offering a smaller footprint solution to the customer. TI
recommends following good RF layout and grounding techniques to maximize the device performance.
8.2 Typical Application
The LMH9126 is typically used in a four transmit and four receive (4T/4R) array of active antenna system for 5G,
TDD, wireless base station applications. Such a system is shown in Figure 18, where the LMH9126 is used in
the transmit path as an active balun that converts differential DAC output from Tx AFE to single-ended signal.
Also shown in the figure is the application of LMH9226 chip, which is the counter-part of LMH9126 in the Receive
path.
Figure 18. LMH9126 in a 4T/4R 5G Active Antenna System


Numéro de pièce similaire - LMH9126

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMH9135 TI-LMH9135 Datasheet
1Mb / 22P
[Old version datasheet]   LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun
LMH9135IRRLR TI-LMH9135IRRLR Datasheet
1Mb / 22P
[Old version datasheet]   LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun
More results

Description similaire - LMH9126

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMH9235 TI1-LMH9235 Datasheet
424Kb / 16P
[Old version datasheet]   LMH9235 3.3 GHz ??3.8 GHz Single-Ended to Differential Amplifier with Integrated Balun
LMH9135 TI-LMH9135 Datasheet
1Mb / 22P
[Old version datasheet]   LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
[Old version datasheet]   LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
logo
Hittite Microwave Corpo...
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
   BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
logo
Texas Instruments
THS3215 TI1-THS3215 Datasheet
1Mb / 71P
[Old version datasheet]   THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
logo
TriQuint Semiconductor
TGA2951-EPU TRIQUINT-TGA2951-EPU Datasheet
352Kb / 10P
   10 Gb/s Single Ended to Differential Amplifier TGA2951-EPU
logo
Hittite Microwave Corpo...
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com