Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT3S36T Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce MT3S36T
Description  TRANSISTOR SILICON NPN EPITAXIAL PLANER TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT3S36T Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  MT3S36T Datasheet HTML 1Page - Toshiba Semiconductor MT3S36T Datasheet HTML 2Page - Toshiba Semiconductor MT3S36T Datasheet HTML 3Page - Toshiba Semiconductor MT3S36T Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MT3S36T
2
2002-08-19
Microwave Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Transition Frequency
fT
VCE=3V, IC=15mA, f=2GHz
15
19
-
GHz
|S21e|
2(1)
VCE=3V, IC=15mA, f=1GHz
15
17.5
-
dB
Insertion Gain
|S21e|
2(2)
VCE=3V, IC=15mA, f=2GHz
10
12.5
-
dB
NF(1)
VCE=3V, IC=3mA, f=1GHz
-
1.1
-
dB
Noise Figure
NF(2)
VCE=3V, IC=3mA, f=2GHz
-
1.3
1.8
dB
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector Cut-off Current
ICBO
VCB=8V, IE=0
-
-
1
µA
Emitter Cut-off Current
IEBO
VEB=1V, IC=0
-
-
1
µA
DC Current Gain
hFE
VCE=3V, IC=10mA
70
-
140
-
Output Capacitance
Cob
VCB=1V, IE=0, f=1MHz
-
0.55
0.85
pF
Reverse Transistor Capacitance
Cre
VCB=1V, IE=0, f=1MHz (Note 1)
-
0.26
0.5
pF
Note 1:
Cre is measured by 3 terminal method with capacitance bridge.
Caution:
This device is sensitive to electrostatic discharge.
Please make enough tool and equipment earthed when you handle.


Numéro de pièce similaire - MT3S36T

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
MT3S36FS TOSHIBA-MT3S36FS Datasheet
121Kb / 4P
   UHF Low-Noise Amplifier Application
More results

Description similaire - MT3S36T

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
logo
Toshiba Semiconductor
MT3S38T TOSHIBA-MT3S38T Datasheet
132Kb / 4P
   TRANSISTOR SILICON NPN EPITAXIAL PLANER TYPE
logo
Panasonic Semiconductor
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com