Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC51C1XXX-A-16IED Fiches technique(PDF) 11 Page - TEMIC Semiconductors

No de pièce TSC51C1XXX-A-16IED
Description  8-Bit Microcontroller for Digital Computer Monitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC51C1XXX-A-16IED Fiches technique(HTML) 11 Page - TEMIC Semiconductors

Back Button TSC51C1XXX-A-16IED Datasheet HTML 7Page - TEMIC Semiconductors TSC51C1XXX-A-16IED Datasheet HTML 8Page - TEMIC Semiconductors TSC51C1XXX-A-16IED Datasheet HTML 9Page - TEMIC Semiconductors TSC51C1XXX-A-16IED Datasheet HTML 10Page - TEMIC Semiconductors TSC51C1XXX-A-16IED Datasheet HTML 11Page - TEMIC Semiconductors TSC51C1XXX-A-16IED Datasheet HTML 12Page - TEMIC Semiconductors TSC51C1XXX-A-16IED Datasheet HTML 13Page - TEMIC Semiconductors TSC51C1XXX-A-16IED Datasheet HTML 14Page - TEMIC Semiconductors TSC51C1XXX-A-16IED Datasheet HTML 15Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TSC8051C1
Rev. D (14 Jan. 97)
11
MATRA MHS
Table 2. Mapping of Special Function Register
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8
PWM8
PWM9
PWM10
PWM11
F0
B
PWM4
PWM5
PWM6
PWM7
E8
PWM0
PWM1
PWM2
PWM3
E0
ACC
EICON
SOCR
HWDR
MXCR0
D8
S1CON
S1STA
S1DAT
PWMCON
D0
PSW
MXCR1
C8
C0
B8
IP
B0
P3
A8
IE
MSCON
A0
P2
98
SCON
SBUF
90
P1
88
TCON
TMOD
TL0
TL1
TH0
TH1
80
P0
SP
DPL
DPH
PCON
6.8. Interrupts
The TSC8051C1 has six interrupt sources, each of which
can be assigned one of two priority levels. The five
interrupt sources common to the 80C51 are the external
interrupts (INT0 and INT1), the timer 0 and timer 1
interrupts (IT0 and IT1), and the serial I/O interrupt (RI
or TI). In the TSC8051C1, the standard serial I/O is
called SIO0.
The SIO1 (I2C) interrupt is generated by the SI flag in
the control register (S1CON SFR). This flag is set when
the status register (S1STA SFR) is loaded with a valid
status code.
6.8.1. Interrupt Enable Register:
Each interrupt source can be individually enabled or
disabled by setting or clearing a bit in the interrupt
enable register (IE SFR). All interrupts sources can also
be globally enabled or disabled by setting or clearing the
EA bit in IE register.


Numéro de pièce similaire - TSC51C1XXX-A-16IED

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TSC51C2XXX12CAB TEMIC-TSC51C2XXX12CAB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAD TEMIC-TSC51C2XXX12CAD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAR TEMIC-TSC51C2XXX12CAR Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBB TEMIC-TSC51C2XXX12CBB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBD TEMIC-TSC51C2XXX12CBD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Description similaire - TSC51C1XXX-A-16IED

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TSC8051C2 TEMIC-TSC8051C2 Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com