Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC51C1XXX-12IED Fiches technique(PDF) 10 Page - TEMIC Semiconductors

No de pièce TSC51C1XXX-12IED
Description  8-Bit Microcontroller for Digital Computer Monitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC51C1XXX-12IED Fiches technique(HTML) 10 Page - TEMIC Semiconductors

Back Button TSC51C1XXX-12IED Datasheet HTML 6Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 7Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 8Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 9Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 10Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 11Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 12Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 13Page - TEMIC Semiconductors TSC51C1XXX-12IED Datasheet HTML 14Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TSC8051C1
Rev. D (14 Jan. 97)
10
MATRA MHS
6.7. Memory organization
The memory organisation of the TSC8051C1 is the same
as in the 80C51, with the exception that the TSC8051C1
has 8k bytes ROM, 256 bytes RAM, and additional
SFRs. Details of the differences are given in the
following paragraphs.
In the TSC8051C1, the lowest 8k of the 64k program
memory address space is filled by internal ROM.
Depending on the package used, external access is
available or not. By tying the EA pin high, the processor
fetches instructions from internal program ROM. Bus
expansion for accessing program memory from 8k
upward is automatic since external instruction fetches
occur automatically when the program counter exceeds
1FFFh. If the EA pin is tied low, all program memory
fetches are from external memory. The execution speed
is the same regardless of whether fetches are from
external or internal program memory. If all storage is
on–chip, then byte location 1FFFh should be left vacant
to prevent an undesired pre–fetch from external program
memory address 2000h.
Certain locations in program memory are reserved for
specific purposes. Locations 0000h to 0002h are
reserved for the initialisation program. Following reset,
the CPU always begins execution at location 0000h.
Locations 0003h to 0032h are reserved for the six
interrupt request service routines.
The internal data memory space is divided into a
256–bytes internal RAM address space and a 128 bytes
special function register address space.
The internal data RAM address space is 0 to FFh. Four
8–bit register banks occupy locations 0 to 1Fh. 128 bit
locations of the internal data RAM are accessible
through direct addressing. These bits reside in 16 bytes
of internal RAM at location 20h to 2Fh. The stack can
be located anywhere in the internal data RAM address
space by loading the 8–bit stack pointer (SP SFR).
The SFR address space is 100h to 1FFh. All registers
except the program counter and the four 8–bit register
banks reside in this address space. Memory mapping of
the SFRs allows them to be accessed as easily as internal
RAM, and as such, they can be operated on by most
instructions.The mapping in the SFR address space of
the 43 SFRs is shown in Table 2. The SFR names in
italic are TSC8051C1 new SFRs and are described in
Peripherals Functional Description section. The SFR
names in bold are bit addressable.


Numéro de pièce similaire - TSC51C1XXX-12IED

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TSC51C2XXX12CAB TEMIC-TSC51C2XXX12CAB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAD TEMIC-TSC51C2XXX12CAD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CAR TEMIC-TSC51C2XXX12CAR Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBB TEMIC-TSC51C2XXX12CBB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C2XXX12CBD TEMIC-TSC51C2XXX12CBD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Description similaire - TSC51C1XXX-12IED

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TSC8051C2 TEMIC-TSC8051C2 Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com