Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC8051C1XXX-A-16CED Fiches technique(PDF) 9 Page - TEMIC Semiconductors

No de pièce TSC8051C1XXX-A-16CED
Description  8-Bit Microcontroller for Digital Computer Monitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC8051C1XXX-A-16CED Fiches technique(HTML) 9 Page - TEMIC Semiconductors

Back Button TSC8051C1XXX-A-16CED Datasheet HTML 5Page - TEMIC Semiconductors TSC8051C1XXX-A-16CED Datasheet HTML 6Page - TEMIC Semiconductors TSC8051C1XXX-A-16CED Datasheet HTML 7Page - TEMIC Semiconductors TSC8051C1XXX-A-16CED Datasheet HTML 8Page - TEMIC Semiconductors TSC8051C1XXX-A-16CED Datasheet HTML 9Page - TEMIC Semiconductors TSC8051C1XXX-A-16CED Datasheet HTML 10Page - TEMIC Semiconductors TSC8051C1XXX-A-16CED Datasheet HTML 11Page - TEMIC Semiconductors TSC8051C1XXX-A-16CED Datasheet HTML 12Page - TEMIC Semiconductors TSC8051C1XXX-A-16CED Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TSC8051C1
Rev. D (14 Jan. 97)
9
MATRA MHS
Register
Content
PC
0000h
PCON
0XXX0000b
PSW
00h
PWM0–11
00h
PWMCON
XXXXXXX0b
S1CON
00h
S1DAT
00h
S1STA
F8h
SBUF
00h
SCON
00h
SOCR
00h
SP
07h
TCON
00h
TH0, TH1
00h
TL0, TL1
00h
TMOD
00h
The internal RAM is not affected by reset. At power–on
reset, the RAM content is indeterminate.
Watchdog
Reset
RST
Reset
Circuitry
Schmitt
Trigger
On–chip
resistor
RRST
Figure 5. On–Chip Reset Configuration.
An automatic reset can be obtained when VCC is turned
on by connecting the RST pin to VCC through a 1
µF
capacitor providing the VCC setting time does not
exceed 1ms and the oscillator start–up time does not
exceed 10ms. This power–on reset circuit is shown in
Figure 6. When power comes on, the current drawn by
RST starts to charge the capacitor. The voltage at RST
is the difference between VCC and the capacitor
voltage, and decreases from VCC as the capacitor
charges. VRST must remain above the lower threshold of
the Schmitt trigger long enough to effect a complete
reset. The time required is the oscillator start–up time,
plus 2 machine cycles.
+
VSS
RST
VRST
RRST
VCC
TSC8051C1
VCC
1
mF
Figure 6. Power–on Reset Circuit
6.6. Oscillator Characteristics
XTAL1 and XTAL2 are respectively the input and
output of an inverting amplifier which is configured for
use as an on–chip oscillator. As shown in Figure 7. ,
either a quartz crystal or ceramic resonator may be used.
To drive the device from an external clock source,
XTAL1 should be driven while XTAL2 is left
unconnected as shown in Figure 8.
There are no requirements on the duty cycle of the
external clock signal, since the input to the internal
clocking circuitry is through a divide–by–two flip–flop.
The minimum high and low times specified on the data
sheet must be observed however.
XTAL2
XTAL1
VSS
Figure 7. Crystal Oscillator
XTAL2
XTAL1
VSS
NC
EXTERNAL
OSCILLATOR
SIGNAL
Figure 8. External Drive Configuration


Numéro de pièce similaire - TSC8051C1XXX-A-16CED

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TSC8051C2 TEMIC-TSC8051C2 Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C2XXX12CAB TEMIC-TSC8051C2XXX12CAB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C2XXX12CAD TEMIC-TSC8051C2XXX12CAD Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C2XXX12CAR TEMIC-TSC8051C2XXX12CAR Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C2XXX12CBB TEMIC-TSC8051C2XXX12CBB Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Description similaire - TSC8051C1XXX-A-16CED

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TSC8051C2 TEMIC-TSC8051C2 Datasheet
304Kb / 28P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com