Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQAF16N25C Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FQAF16N25C
Description  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF16N25C Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FQAF16N25C Datasheet HTML 1Page - Fairchild Semiconductor FQAF16N25C Datasheet HTML 2Page - Fairchild Semiconductor FQAF16N25C Datasheet HTML 3Page - Fairchild Semiconductor FQAF16N25C Datasheet HTML 4Page - Fairchild Semiconductor FQAF16N25C Datasheet HTML 5Page - Fairchild Semiconductor FQAF16N25C Datasheet HTML 6Page - Fairchild Semiconductor FQAF16N25C Datasheet HTML 7Page - Fairchild Semiconductor FQAF16N25C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A, March 2004
QFET®
FQAF16N25C
250V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switching DC/DC converters,
switch mode power supplies, DC-AC converters for
uninterrupted power supplies and motor controls.
Features
• 11.4A, 250V, RDS(on) = 0.27Ω @VGS = 10 V
• Low gate charge ( typical 41 nC)
• Low Crss ( typical 68 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQAF16N25C
Units
VDSS
Drain-Source Voltage
250
V
ID
Drain Current
- Continuous (TC = 25°C)
11.4
A
- Continuous (TC = 100°C)
7.2
A
IDM
Drain Current
- Pulsed
(Note 1)
45.6
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
410
mJ
IAR
Avalanche Current
(Note 1)
11.4
A
EAR
Repetitive Avalanche Energy
(Note 1)
7.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TC = 25°C)
73
W
- Derate above 25°C
0.59
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
1.7
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
S
D
G
TO-3PF
FQAF Series
G
S
D


Numéro de pièce similaire - FQAF16N25C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQAF16N25 ISC-FQAF16N25 Datasheet
421Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FQAF16N25C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com