Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FQA13N50C Datasheet(Fiches technique) 4 Page - Fairchild Semiconductor

Numéro de pièce FQA13N50C
Description  500V N-Channel MOSFET
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA13N50C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQA13N50C Datenblatt HTML 1Page - Fairchild Semiconductor FQA13N50C Datenblatt HTML 2Page - Fairchild Semiconductor FQA13N50C Datenblatt HTML 3Page - Fairchild Semiconductor FQA13N50C Datasheet HTML 4Page - Fairchild Semiconductor FQA13N50C Datenblatt HTML 5Page - Fairchild Semiconductor FQA13N50C Datenblatt HTML 6Page - Fairchild Semiconductor FQA13N50C Datenblatt HTML 7Page - Fairchild Semiconductor FQA13N50C Datenblatt HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev. A, October 2004
©2004 Fairchild Semiconductor Corporation
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS =0V
2. I
D =250µA
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 6.75 A
T
J, Junction Temperature [
oC]
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve for FQA13N50C
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1 . Z
θ JC (t) = 0 .5 8
/W M a x .
2 . D u ty F a c to r, D = t
1 /t2
3 . T
JM - T C = P DM * Z θ JC (t)
s ing le puls e
D= 0 .5
0.0 2
0.2
0.0 5
0.1
0.01
t
1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
t1
PDM
t2
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
100 ms
10
µs
DC
10 ms
1ms
100
µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. SinglePulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
2
4
6
8
10
12
14
T
C, Case Temperature [
]
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
STD2NC50N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh™II MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STP20NM50FDN-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh™ Power MOSFET with FAST DIODE 1 2 3 4 5 MoreSTMicroelectronics
STW15NB50N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET 1 2 3 4 5 MoreSTMicroelectronics
FQB2N50500V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQNL1N50B500V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF5N50500V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFS440B500V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF5N50CF500V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF9N50CF500V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STP22NM50N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh™Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn