Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FMS6410B Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FMS6410B
Description  Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6410B Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FMS6410B Datasheet HTML 1Page - Fairchild Semiconductor FMS6410B Datasheet HTML 2Page - Fairchild Semiconductor FMS6410B Datasheet HTML 3Page - Fairchild Semiconductor FMS6410B Datasheet HTML 4Page - Fairchild Semiconductor FMS6410B Datasheet HTML 5Page - Fairchild Semiconductor FMS6410B Datasheet HTML 6Page - Fairchild Semiconductor FMS6410B Datasheet HTML 7Page - Fairchild Semiconductor FMS6410B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.fairchildsemi.com
FMS6410B Rev. 1A
DC Electrical Characteristics
Tc = 25°C, Vcc = 5V, Vin = 1Vpp, all inputs AC coupled with 0.1uF, all outputs AC coupled with 220uF into
150
Ω loads, referenced to 400kHz; unless otherwise noted.
AC Electrical Characteristics
Tc = 25°C, Vcc = 5V, Vin = 1Vpp, all inputs AC coupled with 0.1uF, all outputs AC coupled with 220uF into
150
Ω loads, referenced to 400kHz; unless otherwise noted.
Notes:
1. 100% tested at 25°C
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
ICC
Supply Current1
No load
50
60
mA
Vi
Input Voltage Max
1.4
Vpp
PSRR
Power Supply Rejection Ratio
All channels, DC
60
dB
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
AV
Channel Gain1
All Channels
5.75
6.0
6.25
dB
Csync
COUT Output Level (during sync)
1
Sync present on YIN (after 6dB gain)
1.0
1.3
V
Ysync
YOUT Output Level (during sync)
1
Sync present on YIN (after 6dB gain)
0.35
0.5
V
CVsync
CVOUT Output Level (during sync)
1
Sync present on YIN (after 6dB gain)
0.35
0.5
V
TCLAMP
Clamp Response Time (Y channel) Settled to within 10mV
10
ms
fFLAT
Gain Flatness to 4.5MHz
All Channels
0
dB
fC
-3dB Bandwidth1
All Channels
6.7
7.1
MHz
fSB
Stopband Attenuation1
All Channels at 27MHz
42
50
dB
dG
Differential Gain
All Channels
0.3
%
dP
Differential Phase
All Channels
0.2
deg
THD
Output Distortion
VOUT = 1.4Vpp, 3.58MHz
0.3
%
XTALK
Crosstalk
at 3.58MHz
-50
dB
SNR
Signal-to-Noise Ratio
All Channels
NTC-7 weighting, 4.2MHz LP,
100kHz HP
82
dB
tpd
Propagation Delay
All Channels
115
ns
GD
Group Delay Deviation
All Channels at 3.58MHz
4
ns
tSKEW
Skew Between YOUT and COUT
at 1MHz
0
ns
tCLGCV
Chroma-Luma Gain CVOUT
1
f = 3.58MHz (ref to YIN at 400kHz)
96
100
104
%
tCLDCV
Chroma-Luma Delay CVOUT
f = 3.58MHz (ref to YIN at 400kHz)
4
ns


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn