Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FMS6400-1 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FMS6400-1
Description  Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6400-1 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FMS6400-1 Datasheet HTML 1Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 2Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 3Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 4Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 5Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 6Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 7Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FMS6400-1 Rev. 1A
Pin Configuration
Typical Application Diagram
Figure 1. AC or DC-Coupled Application Diagram
FAIRCHILD
FMS6400-1
8L SOIC
YIN
GND
VCC
1
2
3
4
CVOUT
YOUT
5
6
7
8
ASEL
COUT
CIN
YOUT
To TV
CVOUT
to VCR
COUT
YIN
CIN
75
75
75
75
75
75
75
75
220µF
220µF
220µF
220µF
0.1µF
0.1µF
5V
1
4
73
5
6
8
0.1µF
10µF
FMS6400-1
FMS6400-1 may also
be DC-Coupled
YIN
CIN
VCC
GND
YOUT
CVOUT
COUT
2
ASEL
User Sets to
logic 0 or 1
Pin Assignments
Pin#
Pin
Type
Description
1YIN
Input
Luminance (Luma) Input: In a typical system,
this pin is connected to the Luma or compos-
ite video output pin from the external video
encoder.
2
ASEL
Input
Channel Gain Select. ‘0 ’= 0dB, ‘1’ = 6dB
3
GND
Input
Must be tied to Ground
4CIN
Input
Chrominance (Chroma) Input: In a typical
system, this pin is connected to the Chroma
output pin from the external video encoder.
5COUT
Output
Filtered Chrominance Video Output from the
CIN channel.
6CVOUT
Output
Composite Video Output: This pin is the sum
of YOUT and COUT .
7
VCC
Input
+5V supply
8YOUT
Output
Filtered Luminance Output from the YIN
channel.


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn