Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FMS6400-1 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FMS6400-1
Description  Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6400-1 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FMS6400-1 Datasheet HTML 1Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 2Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 3Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 4Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 5Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 6Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 7Page - Fairchild Semiconductor FMS6400-1 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
FMS6400-1 Rev. 1A
Absolute Maximum Ratings
Note:
Functional operation under any of these conditions in NOT implied. Performance and reliability are guaranteed only if operating con-
ditions are not exceeded.
Reliability Information
Recommended Operating Conditions
Parameter
Min.
Max.
Unit
DC Supply Voltage
-0.3
6
V
Analog and Digital I/O
-0.3
Vcc + 0.3
V
Output Current Any One Channel, Do Not Exceed
40
mA
Parameter
Min.
Typ.
Max.
Unit
Junction Temperature
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10s)
300
°C
Thermal Resistance (ThetaJA), JEDEC Standard Multi-Layer Test Boards, Still Air
115
°C/W
Parameter
Min.
Typ.
Max.
Unit
Operating Temperature Range
0
70
°C
Supply Voltage Range
4.75
5.0
5.25
V


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn