Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1320 Fiches technique(PDF) 1 Page - DENSEI-LAMBDA

No de pièce MC1320
Description  MC13-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAMBDA [DENSEI-LAMBDA]
Site Internet  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

MC1320 Fiches technique(HTML) 1 Page - DENSEI-LAMBDA

  MC1320 Datasheet HTML 1Page - DENSEI-LAMBDA MC1320 Datasheet HTML 2Page - DENSEI-LAMBDA MC1320 Datasheet HTML 3Page - DENSEI-LAMBDA MC1320 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
163
MC13-SERIES
Terminal Explanation
Features
(1) 2 mounting options :
MC13**
Screw mounting type
MC13**DIN Din rail mounting type
(2) Worldwide compliance :
Voltage rating 3 phase AC500V, 10, 20, 30A
(3) Safe design :
Terminal with cover, Low leakage current
(4) Environmental compliance : Lead free soldering
Safety standard
UL1283
CSA Std. C22. 2 No. 8
EN133200
Circuit
Derating
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
Temperature (°C)
EN133200
Specifications
(Note) : Value for Ta<50°C For Ta>50°C derate according to the derating curve shown on the right.
=
Model
STD type
MC1306
MC1310
MC1320
MC1330
Items
DIN type
MC1306DIN
MC1310DIN
MC1320DIN
MC1330DIN
1
Rated Voltage (AC)
500V (50/60Hz)
2
Rated Current (*1)
6A
10A
20A
30A
3
Test Voltage (terminals to base plate, 1min AC)
2000V (100mA) at 25°C, 70% RH
4
Isolation Resistance (terminals to base plate, 500VDC)
100MΩ min at 25°C, 70% RH
5
Leakage Current
500V,60Hz
5.0mA max
6
DC Resistance (three lines)
90mΩ max
68mΩ max
23mΩ max
11mΩ max
7
Temperature Rise
30°C max
8
Operating Temperature
-25°C ~ +85°C
9
Operating Humidity
30% ~ 95% RH (No Dewdrop)
10
Storage Temperature
-40°C ~ +85°C
11
Storage Humidity
10% ~ 95% RH (No Dewdrop)
MC13**
At no operating 10~55~10Hz, Amplitude (Sweep for 1min) 0.825mm constant (Maximum 49.0m/s2)X,Y,Z 1hour each
12
Vibration
At no operating 55~250~55Hz, Acceleration (Sweep for 1min) 19.6m/s2, X,Y,Z 1hour each
MC13**DIN
At no operating 10~55~10Hz, Acceleration (Sweep for 1min) 9.8m/s2, X,Y,Z 1hour each
13
Weight
600g


Numéro de pièce similaire - MC1320

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201FC FREESCALE-MC13201FC Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201FCR2 FREESCALE-MC13201FCR2 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

Description similaire - MC1320

FabricantNo de pièceFiches techniqueDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com