Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2150KG Fiches technique(PDF) 11 Page - Zarlink Semiconductor Inc

No de pièce SL2150KG
Description  Cable Tuner Front End LNA with AGC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2150KG Fiches technique(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button SL2150KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 10Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 11Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 12Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 13Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 14Page - Zarlink Semiconductor Inc SL2150KG Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SL2150D
Data Sheet
11
Zarlink Semiconductor Inc.
3.0
Electrical Characteristics
Test conditions (unless otherwise stated).
T amb =-20
o to 85oC, Vee=0V, Vcc=5V+-5%
These characteristics are guaranteed by either production test or design.
They apply within the specified ambient temperature and supply voltage unless otherwise stated.
Electrical Characteristics
Characteristic
Pin
Min.
Typ.
Max.
Units
Conditions
Supply current
190
110
42
220
140
60
mA
mA
mA
Both outputs enabled
One output enabled
Both outputs disabled
Input frequency
range
50
860
MHz
Input impedance
3, 4
75
See Figure 4
Input return loss
6.8
8
dB
See Figure 4
Input Noise
Figure
6.4
7.2
dB
Tamb = 27
°C,
see Figure 6
All loops at maximum
gain
Variation in NF
with gain adjust
-1
dB/dB
See Figure 7
Gain
maximum
minimum
minimum
9.5
11
-50
12.5
-25
dB
dB
dB
Power gain from 75
single ended source to
differential 75
Ω load,
with application as in
Figure 11.
Vagcip = 3.0 V
Vagcip = 0.5 V
Vagcip = Vee
AGC monotonic from
Vee to Vcc.
Refer to Functional
description section for
information on
calculating maximum
gain with other load
conditions
CSO
-66
-62
dBc
dBc
See note (2)
See note (3)
CTB
-65
-62
dBc
dBc
See note (2)
See note (3)
CXM
-60
dBc
See note (2)
Input P1dB
+4.5
dBm
All gain settings, with
load as in Figure 11


Numéro de pièce similaire - SL2150KG

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
SL2150KG ZARLINK-SL2150KG Datasheet
932Kb / 20P
   Front End Power Splitter with AGC
More results

Description similaire - SL2150KG

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Zarlink Semiconductor I...
SL2150F ZARLINK-SL2150F Datasheet
932Kb / 20P
   Front End Power Splitter with AGC
logo
TriQuint Semiconductor
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
logo
United Monolithic Semic...
CHA3024-99F UMS-CHA3024-99F_15 Datasheet
347Kb / 12P
   2-22GHz LNA with AGC
CHA3024-QGG UMS-CHA3024-QGG_15 Datasheet
578Kb / 16P
   2-22GHz LNA with AGC
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412-TR1G AVAGO-ALM-1412-TR1G Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
ALM-3012 AVAGO-ALM-3012 Datasheet
1Mb / 21P
   GNSS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-2412 BOARDCOM-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com