Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5631A Fiches technique(PDF) 1 Page - Littelfuse

No de pièce 1N5631A
Description  Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1N5631A Fiches technique(HTML) 1 Page - Littelfuse

  1N5631A Datasheet HTML 1Page - Littelfuse 1N5631A Datasheet HTML 2Page - Littelfuse 1N5631A Datasheet HTML 3Page - Littelfuse 1N5631A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Avalanche Diodes
313
www .littelfuse .com
6
1500 Watt Metal Axial Leaded Transient Voltage Suppressors
FEATURES
Hermetically sealed
Breakdown voltage range 6.8 - 200 volts
Glass passivated junction
Excellent clamping capability
Low zener impedance
100% surge tested
-55°C to +150°C
Uni-polar
MAXIMUM RATING
Peak Pulse Power (Ppk): 1500 Watts (10 x 1000µs)@25°C
(see diagram on page 3 for wave form)
1 watt steady state
Response time: 1 x 10-12 seconds (theoretical)
Operating & storage temperature: -55°C to +150°C
MECHANICAL CHARACTERISTICS
Case: Metal hermetically sealed DO-13 package
Terminals: Axial leads, solderable per MIL-STD-202
Method 208
Solderable leads = 230°C for 10 seconds (1.59mm from case)
Polarity: cathode indicated by colour band
Weight: 1.5 grammes (approx)
Agency Approvals: Recognized under the Components
Program of Underwriters Laboratories.
Agency File Number: E128662
1N56 Series
1N 56 X X A
Voltage Reference
5% Voltage Tolerance
Packaging Option
B = Bulk (500 pcs)
ORDERING INFORMATION
Min 31.8
Max
5.33
7.5
9.0
Min 25.4
Max
0.8
5.58
All dimensions in mm
®


Numéro de pièce similaire - 1N5631A

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N5631A MICROSEMI-1N5631A Datasheet
115Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N5631A MICROSEMI-1N5631A Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1N5631A NJSEMI-1N5631A Datasheet
324Kb / 2P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
Digitron Semiconductors
1N5631A DIGITRON-1N5631A Datasheet
506Kb / 4P
   TRANSIENT ABSORPTION ZENER
logo
American Microsemicondu...
1N5631A AMMSEMI-1N5631A Datasheet
187Kb / 1P
   DO-13 PACKAGE-GLASS TO METAL HERMETICALLY SEALED
More results

Description similaire - 1N5631A

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
SA5.0A LITTELFUSE-SA5.0A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
15KE68 LITTELFUSE-15KE68 Datasheet
92Kb / 3P
   1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
SLD16U-017 LITTELFUSE-SLD16U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com