Moteur de recherche de fiches techniques de composants électroniques |
|
ISL43L840 Fiches technique(PDF) 4 Page - Intersil Corporation |
|
ISL43L840 Fiches technique(HTML) 4 Page - Intersil Corporation |
4 / 11 page 4 FN6096.1 OFF Isolation RL = 50Ω, CL = 35pF, f = 100kHz, (See Figures 4 and 6) 25 - 65 - dB Crosstalk, (Note 9) 25 - -100 - dB Total Harmonic Distortion (THD) f = 20Hz to 20kHz, 0.5Vp-p, RL = 32Ω 25 - 0.02 - % POWER SUPPLY CHARACTERISTICS Power Supply Range Full 1.6 - 3.6 V Positive Supply Current, I+ V+ = 3.6V, VINH, VADD = 0V or V+, Switch On or Off 25 - - 0.05 µA Full - - 0.9 µA NOTES: 4. VIN = Input voltage to perform proper function. 5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. 6. RON matching between channels is calculated by subtracting the channel with the highest max Ron value from the channel with lowest max Ron value. 7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range. 8. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation. 9. Between any two switches. 10. Guaranteed but not tested. Electrical Specifications: 1.8V Supply Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1V, VINL = 0.4V (Note 4, 8), Unless Otherwise Specified PARAMETER TEST CONDITIONS TEMP (°C) MIN (NOTE 5) TYP MAX (NOTE 5) UNIT S ANALOG SWITCH CHARACTERISTICS Analog Signal Range, VANALOG Full 0 - V+ V ON Resistance, RON V+ = 1.8V, ICOM = 10.0mA, VAx or VBx= 1.0V, (See Figure 5) 25 - 0.62 0.85 Ω Full - - 0.9 Ω RON Matching Between Channels, ∆RON) V+ = 1.8V, ICOM = 10.0mA, VAx or VBx = 1.0V, (See Figure 5) 25 - 0.12 - Ω Full - 0.12 - Ω RON Flatness, RFLAT(ON) V+ = 1.8V, ICOM = 10.0mA, VAx or VBx = 0V, 0.9V, 1.6V, (See Figure 5) 25 - 0.14 - Ω Full - 0.14 - Ω DIGITAL INPUT CHARACTERISTICS Input Voltage High, VINH, VADDH Full 1 - - V Input Voltage Low, VINL, VADDL Full - - 0.4 V Input Current, IINH, IINL, IADDH, IADDL V+ = 1.8V, VINH, VADD = 0V or V+ (Note 10) Full -0.5 - 0.5 µA DYNAMIC CHARACTERISTICS Address Transition Time, tTRANS V+ = 1.8V, VAx or VBx = 1.0V, RL = 50Ω, CL = 35pF, (See Figure 1, Note 10) 25 - 24 33 ns Full - - 35 ns Break-Before-Make Time, tBBM V+ = 1.8V, VAx or VBx = 1.0V, RL = 50Ω, CL = 35pF, (See Figure 3, Note 10) 25 - 9 - ns Charge Injection, Q CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2) 25 - -46 - pC Electrical Specifications - 3V Supply Test Conditions: VSUPPLY = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 8), Unless Otherwise Specified (Continued) PARAMETER TEST CONDITIONS TEMP (°C) (NOTE 5) MIN TYP (NOTE 5) MAX UNITS ISL43L840 |
Numéro de pièce similaire - ISL43L840 |
|
Description similaire - ISL43L840 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |