Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5570WRS-REEL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5570WRS-REEL7
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5570WRS-REEL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5570WRS-REEL7 Datasheet HTML 7Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 8Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 9Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 10Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 11Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 12Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 13Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 14Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5570
Rev. 0 | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.6
0.4
0.8
50k
40k
30k
20k
10k
60k
TA = 25°C
VDD/VSS = ±15V
REFIN = 5V
Figure 6. Integral Nonlinearity vs. Code, VDD/VSS = ±15 V
CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.6
0.4
0.8
50k
40k
30k
20k
10k
60k
TA = 25°C
VDD/VSS = ±15V
REFIN = 5V
Figure 7. Differential Nonlinearity vs. Code, VDD/VSS = ±15 V
CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.6
0.4
0.8
50k
40k
30k
20k
10k
60k
TA = 25°C
VDD/VSS = ±12V
REFIN = 5V
Figure 8. Integral Nonlinearity vs. Code, VDD/VSS = ±12 V
CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.6
0.4
0.8
50k
40k
30k
20k
10k
60k
TA = 25°C
VDD/VSS = ±12V
REFIN = 5V
Figure 9. Differential Nonlinearity vs. Code, VDD/VSS = ±12 V
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.8
0.4
0.6
100
80
60
40
20
0
–20
120
VDD/VSS = ±15V
REFIN = 5V
Figure 10. Integral Nonlinearity vs. Temperature, ±15 V Supplies
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
1.0
0.8
0.4
0.6
100
80
60
40
20
0
–20
120
VDD/VSS = ±15V
REFIN = 5V
Figure 11. Differential Nonlinearity vs. Temperature, ±15 V Supplies


Numéro de pièce similaire - AD5570WRS-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5570 AD-AD5570 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
More results

Description similaire - AD5570WRS-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
   % V, Serial Input Complete 12-Bit DAC
REV. A
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com